Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2609DSPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS2609DSPBF
Description  HALF-BRIDGE DRIVER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2609DSPBF Datasheet(HTML) 3 Page - International Rectifier

  IRS2609DSPBF Datasheet HTML 1Page - International Rectifier IRS2609DSPBF Datasheet HTML 2Page - International Rectifier IRS2609DSPBF Datasheet HTML 3Page - International Rectifier IRS2609DSPBF Datasheet HTML 4Page - International Rectifier IRS2609DSPBF Datasheet HTML 5Page - International Rectifier IRS2609DSPBF Datasheet HTML 6Page - International Rectifier IRS2609DSPBF Datasheet HTML 7Page - International Rectifier IRS2609DSPBF Datasheet HTML 8Page - International Rectifier IRS2609DSPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.irf.com
3
IRS2609DSPbF
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are
measured under board mounted and still air conditions.
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions. The VS and COM offset rating
are tested with all supplies biased at 15 V differential.
Note 1: Logic operational for VS of -8 V to +600 V. Logic state held for VS of -8 V to – VBS.
Note 2: Operational for transient negative VS of COM - 50 V with a 50 ns pulse width. Guaranteed by design. Refer
to the Application Information section of this datasheet for more details.
Symbol
Definition
Min.
Max.
Units
VB
High side floating absolute voltage
-0.3
620
VS
High side floating supply offset voltage
VB - 20
VB + 0.3
VHO
High side floating output voltage
VS - 0.3
VB + 0.3
VCC
Low side and logic fixed supply voltage
-0.3
20
VLO
Low side output voltage
-0.3
VCC + 0.3
VIN
Logic input voltage (IN & SD)
COM -0.3
VCC + 0.3
COM
Logic ground
VCC - 20
VCC + 0.3
V
dVS/dt
Allowable offset supply voltage transient
50
V/ns
PD
Package power dissipation @ TA ≤ +25 °C
0.625
W
RthJA
Thermal resistance, junction to ambient
200
°C/W
TJ
Junction temperature
150
TS
Storage temperature
-50
150
TL
Lead temperature (soldering, 10 seconds)
300
°C
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply absolute voltage
VS +10
VS +20
VS
Static High side floating supply offset voltage
COM- 8(Note 1)
600
VSt
Transient High side floating supply offset voltage
-50 (Note2)
600
VHO
High side floating output voltage
VS
VB
VCC
Low side and logic fixed supply voltage
10
20
VLO
Low side output voltage
0
VCC
VIN
Logic input voltage (IN & SD)
VSS
VCC
V
TA
Ambient temperature
-40
125
°C


Similar Part No. - IRS2609DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2609DSPBF IRF-IRS2609DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS2609DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com