Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLL8H1214L-250 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLL8H1214L-250
Description  LDMOS L-band radar power transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLL8H1214L-250 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLL8H1214L-250_15 Datasheet HTML 3Page - NXP Semiconductors BLL8H1214L-250_15 Datasheet HTML 4Page - NXP Semiconductors BLL8H1214L-250_15 Datasheet HTML 5Page - NXP Semiconductors BLL8H1214L-250_15 Datasheet HTML 6Page - NXP Semiconductors BLL8H1214L-250_15 Datasheet HTML 7Page - NXP Semiconductors BLL8H1214L-250_15 Datasheet HTML 8Page - NXP Semiconductors BLL8H1214L-250_15 Datasheet HTML 9Page - NXP Semiconductors BLL8H1214L-250_15 Datasheet HTML 10Page - NXP Semiconductors BLL8H1214L-250_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BLL8H1214L-250_1214LS-250
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 13 January 2015
7 of 13
NXP Semiconductors
BLL8H1214L(S)-250
LDMOS L-band radar power transistor
VDS = 50 V; tp = 300 s;  = 10 %; IDq = 100 mA.
(1) f = 1200 MHz
(2) f = 1300 MHz
(3) f = 1400 MHz
PL = 250 W; VDS = 50 V; tp = 300 s;  = 10 %;
IDq = 100 mA.
Fig 5.
Drain efficiency as a function of output power;
typical values
Fig 6.
Power gain and drain efficiency as function of
frequency; typical values
PL = 250 W; VDS = 50 V; tp = 300 s;  = 10 %; IDq = 100 mA.
Fig 7.
Input return loss as a function of frequency; typical value


Similar Part No. - BLL8H1214L-250_15

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLL8H1214L-250 AMPLEON-BLL8H1214L-250 Datasheet
941Kb / 13P
   LDMOS L-band radar power transistor
Rev. 3 ??1 September 2015
More results

Similar Description - BLL8H1214L-250_15

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLL8H1214L-250 AMPLEON-BLL8H1214L-250 Datasheet
941Kb / 13P
   LDMOS L-band radar power transistor
Rev. 3 ??1 September 2015
logo
NXP Semiconductors
BLL1214-250R NXP-BLL1214-250R Datasheet
142Kb / 12P
   LDMOS L-band radar power transistor
Rev. 01-4 February 2010
logo
Ampleon Netherlands B.V...
BLL6H1214-500 AMPLEON-BLL6H1214-500 Datasheet
1Mb / 21P
   LDMOS L-band radar power transistor
Rev. 4 ??1 September 2015
logo
NXP Semiconductors
BLL6H1214 PHILIPS-BLL6H1214_15 Datasheet
367Kb / 21P
   LDMOS L-band radar power transistor
Rev. 3-5 August 2013
BLL6H1214-500 NXP-BLL6H1214-500 Datasheet
201Kb / 20P
   LDMOS L-band radar power transistor
Rev. 02-1 April 2010
BLL6H1214L PHILIPS-BLL6H1214L_15 Datasheet
311Kb / 13P
   LDMOS L-band radar power transistor
Rev. 3-14 July 2010
logo
Ampleon Netherlands B.V...
BLL6G1214L-250 AMPLEON-BLL6G1214L-250 Datasheet
1Mb / 13P
   LDMOS L-band radar power transistor
Rev. 3 ??28 January 2016
logo
NXP Semiconductors
BLL8H1214L-500 PHILIPS-BLL8H1214L-500_15 Datasheet
247Kb / 20P
   LDMOS L-band radar power transistor
Rev. 2-9 February 2015
logo
Ampleon Netherlands B.V...
BLL8H1214L-500 AMPLEON-BLL8H1214L-500 Datasheet
1Mb / 20P
   LDMOS L-band radar power transistor
Rev. 3 ??1 September 2015
BLL9G1214L-600 AMPLEON-BLL9G1214L-600 Datasheet
1Mb / 13P
   LDMOS L-band radar power transistor
Rev. 2 ??6 November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com