Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6361HUT31 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6361HUT31
Description  SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6361HUT31 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6361HUT31 Datasheet HTML 1Page - Maxim Integrated Products MAX6361HUT31 Datasheet HTML 2Page - Maxim Integrated Products MAX6361HUT31 Datasheet HTML 3Page - Maxim Integrated Products MAX6361HUT31 Datasheet HTML 4Page - Maxim Integrated Products MAX6361HUT31 Datasheet HTML 5Page - Maxim Integrated Products MAX6361HUT31 Datasheet HTML 6Page - Maxim Integrated Products MAX6361HUT31 Datasheet HTML 7Page - Maxim Integrated Products MAX6361HUT31 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX6361/MAX6363/MAX6364 supervisory circuits
reduce the complexity and number of components
required for power-supply monitoring and battery control
functions in microprocessor (µP) systems. The circuits sig-
nificantly improve system reliability and accuracy com-
pared to that obtainable with separate ICs or discrete
components. Their functions include µP reset, backup-
battery switchover, and power failure warning.
The MAX6361/MAX6363/MAX6364 operate from supply
voltages as low as +1.2V. The factory preset reset
threshold voltage ranges from 2.32V to 4.63V (see
Ordering Information). These devices provide a manual
reset input (MAX6361), battery-on output (MAX6363),
and an auxiliary adjustable reset input (MAX6364). In
addition, each part type is offered in three reset output
versions: an active-low push-pull reset, an active-low
open-drain reset, and an active-high push-pull reset
(see Selector Guide at end of data sheet).
Applications
Features
o Low +1.2V Operating Supply Voltage
(VCC or VBATT)
o Precision Monitoring of +5.0V, +3.3V, +3.0V, and
+2.5V Power-Supply Voltages
o Debounced Manual Reset Input (MAX6361)
o Battery-On Output Indicator (MAX6363)
o Auxiliary User-Adjustable RESET IN (MAX6364)
o Three Available Output Structures
Push-Pull RESET, Open-Drain RESET,
Push-Pull RESET
o RESET/RESET Valid Down to 1.2V Guaranteed
(VCC or VBATT)
o Power-Supply Transient Immunity
o 150ms (min) Reset Timeout Period
o Small 6-Pin SOT23 Package
SOT23, Low-Power µP Supervisory Circuits
with Battery Backup
________________________________________________________________ Maxim Integrated Products
1
19-1615; Rev 0; 1/00
Ordering Information
Pin Configurations
Note: These parts offer a choice of reset threshold voltages.
From Table 1, select the suffix corresponding to the desired
threshold voltage and insert it into the part number to complete
it. When ordering from the factory, there is a 2500-piece mini-
mum on the SOT package (tape-and-reel only).
GND
VCC
MR
16
BATT
5
OUT
RESET, RESET
MAX6361
TOP VIEW
2
34
SOT23-6
Computers
Controllers
Intelligent Instruments
Critical µP/µC
Power Monitoring
Fax Machines
Industrial Control
POS Equipment
Portable/Battery-Powered
Equipment
Selector Guide appears at end of data sheet.
Typical Operating Circuit appears at end of data sheet.
Pin Configurations continued at end of data sheet.
6 SOT23-6
-40°C to +85°C
MAX6364HUT_ _-T
6 SOT23-6
-40°C to +85°C
MAX6364PUT_ _-T
6 SOT23-6
-40°C to +85°C
MAX6364LUT_ _-T
6 SOT23-6
-40°C to +85°C
6 SOT23-6
-40°C to +85°C
MAX6363HUT_ _-T
MAX6363PUT_ _-T
6 SOT23-6
-40°C to +85°C
6 SOT23-6
-40°C to +85°C
MAX6363LUT_ _-T
6 SOT23-6
PIN-PACKAGE
TEMP. RANGE
-40°C to +85°C
MAX6361HUT_ _-T
6 SOT23-6
-40°C to +85°C
MAX6361PUT_ _-T
MAX6361LUT_ _-T
PART


Similar Part No. - MAX6361HUT31

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361HUT MAXIM-MAX6361HUT Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
More results

Similar Description - MAX6361HUT31

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6365 MAXIM-MAX6365 Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX16016_0812 MAXIM-MAX16016_0812 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX6365 MAXIM-MAX6365_09 Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
   關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com