Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD3138ARGCR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138ARGCR
Description  Highly Integrated Digital Controller for Isolated Power
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138ARGCR Datasheet(HTML) 3 Page - Texas Instruments

  UCD3138ARGCR Datasheet HTML 1Page - Texas Instruments UCD3138ARGCR Datasheet HTML 2Page - Texas Instruments UCD3138ARGCR Datasheet HTML 3Page - Texas Instruments UCD3138ARGCR Datasheet HTML 4Page - Texas Instruments UCD3138ARGCR Datasheet HTML 5Page - Texas Instruments UCD3138ARGCR Datasheet HTML 6Page - Texas Instruments UCD3138ARGCR Datasheet HTML 7Page - Texas Instruments UCD3138ARGCR Datasheet HTML 8Page - Texas Instruments UCD3138ARGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 83 page
background image
Front End 2
Analog
Comparators
Power and
1.8 V Voltage
Regulator
AD07
AD06
AD04
V33DIO
/RESET
SCI_RX0
SCI_TX0
PMBUS_CLK
PMBUS_DATA
AGND
V33D
VREG
FAULT3
FAULT2
TCAP
TDI(DTC0)
TMS
TDO(DTC1)
TCK
EXT_INT
FAULT1
FAULT0
PWM1
PWM0
SCI_RX1
SCI_TX1
PMBUS_CTRL
PMBUS_ALERT
SYNC
DGND
DPWM3B
DPWM3A
DPWM2B
DPWM2A
DPWM1B
DPWM1A
DPWM0B
DPWM0A
EAP0
EAN0
EAP1
EAN1
V33A
AD00
AD01
AD02
AD13
PID Based
Filter 0
DPWM0
DPWM1
DPWM2
DPWM3
PID Based
Filter 1
PID Based
Filter 2
ADC_EXT
ADC12
ADC12 Control
Sequencing, Averaging,
Digital Compare, Dual
Sample and hold
AD[13:0]
A
B
C
D
E
F
G
Current Share
Analog, Average, Master/Slave
AD03
AD02
AD13
AGND
PMBus
Timers
4 ± 16 bit (PWM)
1 ± 24 bit
UART0
UART1
GPIO
Control
JTAG
Loop MUX
ARM7TDMI-S
32 bit, 31.25 MHz
Memory
PFLASH 64 kB
DFLASH 2 kB
RAM 4 kB
ROM 4 kB
Power On Reset
Brown Out Detection
Oscillator
Internal Temperature
Sensor
Advanced Power Control
Mode Switching, Burst Mode, IDE,
Synchronous Rectification soft on & off
Front End 1
Constant Power Constant
Current
Input Voltage Feed Forward
Front End Averaging
Digital Comparators
Fault MUX &
Control
Cycle by Cycle
Current Limit
Digital
Comparators
DAC0
EADC
X
AFE
Value
Dither

CPCC
Filter x
Ramp
SAR/Prebias
Abs()
Avg()
2
AFE
2
3-AFE
Peak Current Mode
Control Comparator
A0
EAP2
EAN2
Front End 0
DTC
UCD3138A
www.ti.com
SLUSC66B – MARCH 2015 – REVISED MAY 2015
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
VQFN (64)
9.00 mm × 9.00 mm
UCD3138A
WQFN (40)(2)
6.00 mm × 6.00 mm
(1)
For more information, see Section 9, Mechanical Packaging and Orderable Information.
(2)
40-pin 6 x 6 x 0.75 mm ultra-thin QFN with corner anchors optimized for IPC9592A Temperature Cycle Testing.
1.4
Functional Block Diagram
Figure 1-1 shows a functional block diagram of the device.
Figure 1-1. Functional Block Diagram
Copyright © 2015, Texas Instruments Incorporated
Device Overview
3
Submit Documentation Feedback
Product Folder Links: UCD3138A


Similar Part No. - UCD3138ARGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD3138ARGCR TI1-UCD3138ARGCR Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
More results

Similar Description - UCD3138ARGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138 TI1-UCD3138 Datasheet
1Mb / 68P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCC3138 TI1-UCC3138 Datasheet
1Mb / 78P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138128 TI-UCD3138128_15 Datasheet
2Mb / 80P
[Old version datasheet]   UCD3138x Highly-Integrated Digital Controller For Isolated Power
UCD3138064A TI1-UCD3138064A Datasheet
2Mb / 83P
[Old version datasheet]   UCD3138064A Highly Integrated Digital Controller for Isolated Power
UCD3138128A TI1-UCD3138128A Datasheet
2Mb / 83P
[Old version datasheet]   UCD3138128A Highly-Integrated Digital Controller For Isolated Power
UCD3138064 TI1-UCD3138064 Datasheet
3Mb / 91P
[Old version datasheet]   UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
UCD3138064 TI-UCD3138064_V01 Datasheet
5Mb / 104P
[Old version datasheet]   UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
logo
Analog Devices
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com