Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6365HKA44-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6365HKA44-T
Description  SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6365HKA44-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6365HKA44-T Datasheet HTML 6Page - Maxim Integrated Products MAX6365HKA44-T Datasheet HTML 7Page - Maxim Integrated Products MAX6365HKA44-T Datasheet HTML 8Page - Maxim Integrated Products MAX6365HKA44-T Datasheet HTML 9Page - Maxim Integrated Products MAX6365HKA44-T Datasheet HTML 10Page - Maxim Integrated Products MAX6365HKA44-T Datasheet HTML 11Page - Maxim Integrated Products MAX6365HKA44-T Datasheet HTML 12Page - Maxim Integrated Products MAX6365HKA44-T Datasheet HTML 13Page - Maxim Integrated Products MAX6365HKA44-T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SOT23, Low-Power µP Supervisory Circuits
with Battery Backup and Chip-Enable Gating
10
______________________________________________________________________________________
Watchdog Input (MAX6366 Only)
The watchdog monitors µP activity through the watch-
dog input (WDI). If the µP becomes inactive, reset
asserts. To use the watchdog function, connect WDI to
a bus line or µP I/O line. A change of state (high to low,
low to high, or a minimum 100ns pulse) resets the
watchdog timer. If WDI remains high or low for longer
than the watchdog timeout period (tWD), the internal
watchdog timer runs out and a reset pulse is triggered
for the reset timeout period (tRP). The internal watchdog
timer clears whenever reset asserts or whenever WDI
sees a rising or falling edge. If WDI remains in either a
high or low state, a reset pulse asserts periodically after
every tWD (Figure 2). Leave WDI unconnected to dis-
able the watchdog function.
BATT ON Indicator (MAX6367 Only)
BATT ON is a push-pull output that drives high when in
battery-backup mode. BATT ON typically sinks 3.2mA
at 0.1V saturation voltage. In battery-backup mode, this
terminal sources approximately 10µA from OUT. Use
BATT ON to indicate battery-switchover status or to
supply base drive to an external pass transistor for
higher current applications (Figure 3).
RESET IN Comparator (MAX6368 Only)
RESET IN is compared to an internal 1.235V reference.
If the voltage at RESET IN is less than 1.235V, reset
asserts. Use the RESET IN comparator as an undervolt-
age detector to signal a failing power supply or as a
secondary power-supply reset monitor.
To program the reset threshold (VRTH) of the secondary
power supply, use the following (see Typical Operating
Circuit):
VRTH = VREF (R1 / R2 + 1)
where VREF = 1.235V. To simplify the resistor selection,
choose a value for R2 and calculate R1:
R1 = R2 [(VRTH / VREF) - 1]
Since the input current at RESET IN is 25nA (max),
large values (up to 1M
Ω) can be used for R2 with no
significant loss in accuracy. For example, in the Typical
Operating Circuit, the MAX6368 monitors two supply
voltages. To monitor the secondary 5V logic or analog
supply with a 4.60V nominal programmed reset thresh-
old, choose R2 = 100k
Ω, and calculate R1 = 273kΩ.
Reset Output
A µP’s reset input starts the µP in a known state. The
MAX6365–MAX6368 µP supervisory circuits assert a
reset to prevent code-execution errors during power-
up, power-down, and brownout conditions. RESET is
guaranteed to be a logic low or logic high, depending
on the device chosen (see Ordering Information).
RESET or RESET asserts when VCC is below the reset
threshold and for at least 150ms (tRP) after VCC rises
above the reset threshold. RESET or RESET also
asserts when MR is low (MAX6365) and when RESET IN
is less than 1.235V (MAX6368). The MAX6366 watch-
dog function will cause RESET (or RESET) to assert in
pulses following a watchdog timeout (Figure 2).
Applications Information
Operation Without
a Backup Power Source
The MAX6365–MAX6368 provide battery-backup func-
tions. If a backup power source is not used, connect
BATT to GND and OUT to VCC.
Watchdog Software Considerations
One way to help the watchdog timer monitor the soft-
ware execution more closely is to set and reset the
watchdog at different points in the program rather than
pulsing the watchdog input periodically. Figure 4
shows a flow diagram in which the I/O driving the
Figure 2. MAX6366 Watchdog Timeout Period and Reset Active Time
RESET
WDI
tRP
tRP
tWD
tWD = WATCHDOG TIMEOUT PERIOD
tRP = RESET TIMEOUT PERIOD
tWD


Similar Part No. - MAX6365HKA44-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6365HKA__-T MAXIM-MAX6365HKA__-T Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
More results

Similar Description - MAX6365HKA44-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX6365 MAXIM-MAX6365_09 Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
MAX16016_0812 MAXIM-MAX16016_0812 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX16016_1111 MAXIM-MAX16016_1111 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com