Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6610 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6610
Description  Precision, Low-Power, 6-Pin SOT23 Temperature Sensors and Voltage References
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6610 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6610 Datasheet HTML 1Page - Maxim Integrated Products MAX6610 Datasheet HTML 2Page - Maxim Integrated Products MAX6610 Datasheet HTML 3Page - Maxim Integrated Products MAX6610 Datasheet HTML 4Page - Maxim Integrated Products MAX6610 Datasheet HTML 5Page - Maxim Integrated Products MAX6610 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Detailed Description
The MAX6610/MAX6611 combine a temperature sensor
with a low-power voltage reference. The reference volt-
age and temperature sensor gain give convenient LSB
weights when used with an ADC.
For example, when an 8-bit ADC is used with the
MAX6610/MAX6611, an LSB is equivalent to 1°C and a
10-bit ADC LSB is equivalent to 0.25°C.
The reference output features a proprietary tempera-
ture-coefficient, curvature-correction circuit and laser-
trimmed thin-film resistors that result in a low
temperature coefficient (50ppm/°C max) and initial
accuracy of ±0.5% max. The maximum supply current
is 250µA during normal operation and 1µA max during
shutdown. The supply voltage range is 3.0V to 5.5V for
the MAX6610 and 4.5V to 5.5V for the MAX6611.
Voltage Reference
The MAX6610/MAX6611 REF output provides a voltage
reference for ADCs or other system subcircuits. REF is
capable of driving loads of up to 1mA. An output
capacitor can be as large as 1µF.
The voltage reference provides scaled ADC conver-
sions with bit weights that are in convenient units.
For the MAX6610 (2.56V REF output), an 8-bit ADC
yields 10mV/bit or 2.5mV/bit for a 10-bit ADC. The
MAX6611 (4.096V REF output) yields 16mV/bit for an 8-
bit ADC or 4mV/bit for a 10-bit ADC.
Temperature Sensor
The MAX6610/MAX6611 TEMP output provides an ana-
log output voltage that is a linear function of its die tem-
perature as defined by:
VTEMP = 1.2V + (T°C 16mV/°C) for the MAX6611
and
VTEMP = 0.75V + (T°C 10mV/°C) for the MAX6610
The slope of the output voltage is VREF/256 per °C
(16mV/°C for the MAX6611 and 10mV/°C for the
MAX6610). There is a +75°C offset on the temperature
output (The MAX6611’s output is 1.2V and, the
MAX6610’s output is 0.75V) at 0°C. The temperature error
is less than 1.2°C at TA = +25°C, less than ±3.8°C from
TA = -20°C to +85°C, and only ±5°C for TA = -40°C to
+125°C.
Shutdown
The MAX6610/MAX6611 are equipped with a shutdown
feature that, when driven low, shuts down all internal cir-
cuitry and reduces supply current to 1µA (max). When in
shutdown, REF is pulled to GND through a 150k
Ω resis-
tor and TEMP goes to a high-impedance state. For nor-
mal operation, connect SHDN to VCC.
Applications Information
Output/Load Capacitance
The MAX6610/MAX6611 TEMP output can drive capac-
itive loads up to 0.2µF. The MAX6610/MAX6611 REF
output can drive capacitive loads up to 1µF. Devices in
this family do not require an output capacitance for
dynamic stability. However, in applications where the
load or the supply can experience step changes, an
output capacitor within the specified range reduces the
amount of overshoot (or undershoot) and assists the
circuit’s transient response. Many applications do not
need an external capacitor, and this family can offer a
significant advantage in these applications when board
space is critical.
Supply Current
The quiescent supply current of the MAX6610/
MAX6611 is typically 150µA and is virtually indepen-
dent of the supply voltage. Unlike shunt-mode refer-
ences, the load current of series-mode references is
drawn from the supply voltage only when required, so
supply current is not wasted and efficiency is maxi-
mized over the entire supply voltage range. This
improved efficiency can help reduce power dissipation
and extend battery life.
Precision, Low-Power, 6-Pin SOT23
Temperature Sensors and Voltage References
4
_______________________________________________________________________________________
PIN
NAME
FUNCTION
1VCC
Supply Voltage Input. Bypass to GND
with a 0.1µF capacitor.
2
GND
Ground
3
SHDN
Logic Level Shutdown Input (Active
Low). Driving SHDN with a logic low
turns off internal circuitry to reduce
supply current to 1µA (max).
4
TEMP
Temperature Output Pin. Voltage at
TEMP varies linearly with temperature.
5
REF
Reference Voltage Output
6
GND
Must be connected to pin 2.
Pin Description


Similar Part No. - MAX6610

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX66100 MAXIM-MAX66100 Datasheet
223Kb / 16P
   ISO 15693-Compliant 64-Bit UID Powered Entirely Through the RF Field
Rev 0; 1/11
MAX66100E MAXIM-MAX66100E Datasheet
223Kb / 16P
   ISO 15693-Compliant 64-Bit UID Powered Entirely Through the RF Field
Rev 0; 1/11
MAX66100K MAXIM-MAX66100K Datasheet
223Kb / 16P
   ISO 15693-Compliant 64-Bit UID Powered Entirely Through the RF Field
Rev 0; 1/11
More results

Similar Description - MAX6610

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6025 MAXIM-MAX6025 Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
logo
Texas Instruments
REF3212-EP TI1-REF3212-EP_16 Datasheet
820Kb / 22P
[Old version datasheet]   SOT23-6 SERIES VOLTAGE REFERENCES
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Maxim Integrated Produc...
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
logo
Maxim Integrated Produc...
MAX6607 MAXIM-MAX6607 Datasheet
135Kb / 6P
   Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01
MAX6001 MAXIM-MAX6001 Datasheet
195Kb / 12P
   Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com