Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6627 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6627
Description  Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6627 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6627 Datasheet HTML 1Page - Maxim Integrated Products MAX6627 Datasheet HTML 2Page - Maxim Integrated Products MAX6627 Datasheet HTML 3Page - Maxim Integrated Products MAX6627 Datasheet HTML 4Page - Maxim Integrated Products MAX6627 Datasheet HTML 5Page - Maxim Integrated Products MAX6627 Datasheet HTML 6Page - Maxim Integrated Products MAX6627 Datasheet HTML 7Page - Maxim Integrated Products MAX6627 Datasheet HTML 8Page - Maxim Integrated Products MAX6627 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Remote ±1°C Accurate Digital Temperature
Sensors with SPI-Compatible Serial Interface
_______________________________________________________________________________________
5
Detailed Description
The MAX6627/MAX6628 remote digital thermometers
report the temperature of a remote sensor. The remote
sensor is a diode-connected transistor—typically, a
low-cost, easily mounted 2N3904 NPN type—that
replaces conventional thermistors or thermocouples.
The MAX6627/MAX6628 can also measure the die tem-
perature of other ICs, such as µPs or µCs, that contain
an on-chip, diode-connected transistor.
Remote accuracy is ±1°C when the temperature of the
remote diode is between 0°C and +125°C and the tem-
perature of the MAX6627/MAX6628 is +30°C. Data is
available as a 12-bit + sign word with 0.0625°C resolu-
tion. The operating range of the device extends from
-55°C to +125°C, although the architecture of the
device is capable of interpreting data up to +145°C.
The device itself should never exceed +125°C.
The MAX6627/MAX6628 are designed to work in con-
junction with an external µC or other intelligent device
serving as the master in thermostatic, process-control,
or monitoring applications. The µC is typically a power
management or keyboard controller, generating SPI
serial commands by “bit-banging” GPIO pins.
Two conversion rates are available; the MAX6627 con-
tinuously converts data every 0.5s, and the MAX6628
continuously converts data every 8s. Either device can
be read at any time and provide the data from the last
conversion. The slower version provides minimal power
consumption under all operating conditions. Or, by tak-
ing CS low, any conversion in progress is stopped, and
the rising edge of CS always starts a fresh conversion
and resets the interface. This permits triggering a con-
version at any time so that the power consumption of
the MAX6627 can be overcome, if needed. Both
devices operate with input voltages between +3.0V and
+5.5V and are specified between -55°C and +125°C.
The MAX6627 and MAX6628 come in space-saving 8-
pin SOT23 packages.
ADC Conversion Sequence
The device powers up as a free-running data converter
(Figure 1). The CS pin can be used for conversion con-
trol. The rising edge of CS resets the interface and
starts a conversion. The falling edge of CS stops any
conversion in progress, overriding the latency of the
part. Temperature data from the previous completed
conversion is available for read (Tables 1 and 2). It is
required to maintain CS high for a minimum of 320ms
to complete a conversion.
Idle Mode
Pull CS low to enter idle mode. In idle mode, the ADC is
not converting. The serial interface is still active and
temperature data from the last completed conversion
can still be read.
Power-On Reset
The POR supply voltage of the MAX6627/MAX6628 is
typically 1.6V. Below this supply voltage, the interface
is inactive and the data register is set to the POR state,
Figure 1. Free-Running Conversion Time and Rate Relationships
MAX6627
MAX6628
0.5s
SAMPLE
RATE
8s
SAMPLE
RATE
0.25s
CONVERSION
TIME
ADC CONVERTING
ADC IDLE
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Sign
MSB
Data
LSB
Data
Low
High-Z
High-Z
Table 1. Data Output Format


Similar Part No. - MAX6627

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627 Datasheet
421Kb / 11P
   Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 3; 4/06
MAX6627 MAXIM-MAX6627 Datasheet
117Kb / 9P
   Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 4; 8/08
MAX6627 MAXIM-MAX6627 Datasheet
262Kb / 9P
   Remote 1C Accurate Digital Temperature Remote 짹1째C Accurate Digital Temperature
Rev 5; 6/11
MAX6627MKA MAXIM-MAX6627MKA Datasheet
117Kb / 9P
   Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 4; 8/08
MAX6627MKA MAXIM-MAX6627MKA Datasheet
262Kb / 9P
   Remote 1C Accurate Digital Temperature Remote 짹1째C Accurate Digital Temperature
Rev 5; 6/11
More results

Similar Description - MAX6627

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_V01 Datasheet
1Mb / 10P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
2016
MAX6627 MAXIM-MAX6627_06 Datasheet
421Kb / 11P
   Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 3; 4/06
MAX6627 MAXIM-MAX6627_08 Datasheet
117Kb / 9P
   Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 4; 8/08
MAX6627 MAXIM-MAX6627_11 Datasheet
262Kb / 9P
   Remote 1C Accurate Digital Temperature Remote 짹1째C Accurate Digital Temperature
Rev 5; 6/11
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
logo
Texas Instruments
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP122-EP TI-TMP122-EP_1 Datasheet
563Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP122 TI1-TMP122_15 Datasheet
511Kb / 19P
[Old version datasheet]   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
LM99 TI-LM99_15 Datasheet
1Mb / 30P
[Old version datasheet]   LM99 짹1째C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com