Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM2280H Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MM2280H
Description  DC AXIAL FANS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MM2280H Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MM2280H Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(222 dia. x 80 mm)
8.74 dia. x 3.15 inches
Construction:
magnesium alloy impeller & frame
Bearing option: ball bearing
Connection:
terminal or AWG 18 lead wire
Frame:
flanged
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal
MM2280 series
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
400
AIR FLOW (CFM)
150
300
600
750
900
H
0.20±0.01
(5.0±0.3)
3.15±0.02
(80.0±0.5)
ø8.74±0.02
(ø222.0±0.5)
ø8.35±0.02
(ø212.0±0.5)
ø0.18x12
(ø4.5x12)
Terminal
0.12
(3)
0.02
(0.5)
0.28
(7)
Model No.
Rated
Voltage
V
Current mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
kg
24
48
M³/Min.
CFM
MM
INCH
MM2280H
24/48
2500
1400
3,000
18
625
24.64
0.97
60
1.55
12.15.14


Similar Part No. - MM2280H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MM22 VISHAY-MM22 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
MM22 VISHAY-MM22 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
MM22 VISHAY-MM22 Datasheet
174Kb / 7P
   Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified and Commercial Microminiature Rectangular
01-Jan-2022
logo
STMicroelectronics
MM2201B1TR STMICROELECTRONICS-MM2201B1TR Datasheet
111Kb / 15P
   2-Wires 1 Kbit x8 Serial EEPROM
MM2201B6TR STMICROELECTRONICS-MM2201B6TR Datasheet
111Kb / 15P
   2-Wires 1 Kbit x8 Serial EEPROM
More results

Similar Description - MM2280H

ManufacturerPart #DatasheetDescription
logo
ETRI
246DL5LP11000 ETRI-246DL5LP11000_16 Datasheet
178Kb / 1P
   DC Axial Fans
338DX1LP11000 ETRI-338DX1LP11000_16 Datasheet
271Kb / 1P
   DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000_16 Datasheet
302Kb / 1P
   DC Axial Fans
380DL5LP11000 ETRI-380DL5LP11000_16 Datasheet
191Kb / 1P
   DC Axial Fans
125DH9LP11241 ETRI-125DH9LP11241_11 Datasheet
252Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000_16 Datasheet
184Kb / 1P
   DC Axial Fans
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
   DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
   DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
   DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
   DC Axial Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com