Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21953SPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS21953SPBF
Description  HIGH SIDE & DUAL LOW SIDE DRIVER IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21953SPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS21953SPBF_15 Datasheet HTML 1Page - International Rectifier IRS21953SPBF_15 Datasheet HTML 2Page - International Rectifier IRS21953SPBF_15 Datasheet HTML 3Page - International Rectifier IRS21953SPBF_15 Datasheet HTML 4Page - International Rectifier IRS21953SPBF_15 Datasheet HTML 5Page - International Rectifier IRS21953SPBF_15 Datasheet HTML 6Page - International Rectifier IRS21953SPBF_15 Datasheet HTML 7Page - International Rectifier IRS21953SPBF_15 Datasheet HTML 8Page - International Rectifier IRS21953SPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
IRS21953SPBF
Features
2 low side output channels sharing common ground
1 high side output channel
CMOS Schmitt trigger inputs with pull down resistor
Under voltage lockout on all channels
5 V compatible logic level Inputs
Immune to –Vs spike and tolerant to dVs/dt & dVss/dt
Shoot through prevention logic
Descriptions
HIGH SIDE & DUAL LOW SIDE
DRIVER IC
Product Summary
VOFFSET (low side)
-600 V (VSS)
VOFFSET (high side)
600 V (COM)
VOUT
10 V to 20 V
ton/toff (typ)
380 ns/380 ns
Io+/-
0.5 A/0.5 A
Package
16-Lead SOIC (narrow body
)
Typical Connection Diagram
The IRS21953 contains 2 low side outputs sharing
common ground and 1 high side output. Low side drivers
can tolerate up to -600 V below input signal (VSS: input
supply return). High side driver can tolerate up to 600 V
above low side ground (COM: low side supply return).
The IRS21953 has better propagation delay and thermal
characteristics compared to a photo-coupler driver. The
logic inputs are compatible with standard CMOS or LSTTL
output. Proprietary HVIC and latch-up immune CMOS
technologies enable ruggedized monolithic construction.


Similar Part No. - IRS21953SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21953SPBF IRF-IRS21953SPBF Datasheet
173Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
More results

Similar Description - IRS21953SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21952SPBF IRF-IRS21952SPBF_15 Datasheet
209Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21952SPBF IRF-IRS21952SPBF Datasheet
194Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21953SPBF IRF-IRS21953SPBF Datasheet
173Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21853SPBF IRF-IRS21853SPBF Datasheet
176Kb / 17P
   DUAL HIGH SIDE DRIVER IC
IRS21853SPBF IRF-IRS21853SPBF_15 Datasheet
191Kb / 17P
   DUAL HIGH SIDE DRIVER IC
logo
ON Semiconductor
FAN8811 ONSEMI-FAN8811 Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
FAN8811T ONSEMI-FAN8811T Datasheet
901Kb / 17P
   High-Frequency, High Side and Low Side Gate Driver IC
April 2017- Rev. 0
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Texas Instruments
DRV8803 TI-DRV8803_15 Datasheet
933Kb / 20P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803 TI1-DRV8803_16 Datasheet
1Mb / 26P
[Old version datasheet]   Quad Low-Side Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com