Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21953SPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS21953SPBF
Description  HIGH SIDE & DUAL LOW SIDE DRIVER IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21953SPBF Datasheet(HTML) 3 Page - International Rectifier

  IRS21953SPBF Datasheet HTML 1Page - International Rectifier IRS21953SPBF Datasheet HTML 2Page - International Rectifier IRS21953SPBF Datasheet HTML 3Page - International Rectifier IRS21953SPBF Datasheet HTML 4Page - International Rectifier IRS21953SPBF Datasheet HTML 5Page - International Rectifier IRS21953SPBF Datasheet HTML 6Page - International Rectifier IRS21953SPBF Datasheet HTML 7Page - International Rectifier IRS21953SPBF Datasheet HTML 8Page - International Rectifier IRS21953SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
IRS21953SPBF
3
Static Electrical Characteristics
(VB-VS)=15 V. The VIN, VIN,TH, VBSUV, VO, IO and IIN parameters are referenced to VS. TA = 25
oC unless otherwise
specified.
Symbol
Definition
Min
Typ
Max Units
Test Conditions
V
CCUV+
V
CC supply undervoltage positive going threshold
7.5
8.6
9.7
V
CCUV-
V
CC supply undervoltage negative going threshold
7.0
8.2
9.4
V
BSUV+
V
BS supply undervoltage positive going threshold
7.5
8.6
9.7
V
BSUV-
V
BS supply undervoltage negative going threshold
7.0
8.2
9.4
V
DDUV+
V
DD supply undervoltage positive going threshold
7.5
8.6
9.7
V
DDUV-
V
DD supply undervoltage negative going threshold
7.0
8.2
9.4
V
I
LKVCC
I
LKVBS
Offset supply leakage current – both input well
and output well
---
---
50
VB = VS = 600 V
VCC = VCOM = 600 V
I
QBS
Quiescent VBS supply current
---
70
140
I
QDD
Quiescent VDD supply current
---
100
200
I
QCC
Quiescent VCC supply current
---
130
260
µA
VIN = 0 V or 5 V
V
IH
Logic “1” input voltage
3.5
---
---
VIL
Logic “0” input voltage
---
---
0.6
VOH
High level output voltage, VBIAS-VO
---
---
0.1
Io= 0 A
VOL
Low level output voltage, VO
---
---
0.1
V
Io= 0 A
IIN+
Logic “1” input bias current
---
2
10
VIN = 5 V
IIN-
Logic “0” input bias current
---
---
5
µA
VIN = 0 V
Io+
Output high short circuit pulsed current
---
0.5
---
VO=0 V,VIN=0 V,
PW<=10 µs
Io-
Output low short circuit pulsed current
---
0.5
---
A
VO=15 V,VIN=5 V,
PW<=10 µs


Similar Part No. - IRS21953SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21953SPBF IRF-IRS21953SPBF Datasheet
173Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
More results

Similar Description - IRS21953SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21952SPBF IRF-IRS21952SPBF_15 Datasheet
209Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21952SPBF IRF-IRS21952SPBF Datasheet
194Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21953SPBF IRF-IRS21953SPBF Datasheet
173Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21853SPBF IRF-IRS21853SPBF Datasheet
176Kb / 17P
   DUAL HIGH SIDE DRIVER IC
IRS21853SPBF IRF-IRS21853SPBF_15 Datasheet
191Kb / 17P
   DUAL HIGH SIDE DRIVER IC
logo
ON Semiconductor
FAN8811 ONSEMI-FAN8811 Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
FAN8811T ONSEMI-FAN8811T Datasheet
901Kb / 17P
   High-Frequency, High Side and Low Side Gate Driver IC
April 2017- Rev. 0
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Texas Instruments
DRV8803 TI-DRV8803_15 Datasheet
933Kb / 20P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803 TI1-DRV8803_16 Datasheet
1Mb / 26P
[Old version datasheet]   Quad Low-Side Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com