Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21962SPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRS21962SPBF
Description  Dual channel high-side drivers with floating input
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21962SPBF Datasheet(HTML) 2 Page - International Rectifier

  IRS21962SPBF_15 Datasheet HTML 1Page - International Rectifier IRS21962SPBF_15 Datasheet HTML 2Page - International Rectifier IRS21962SPBF_15 Datasheet HTML 3Page - International Rectifier IRS21962SPBF_15 Datasheet HTML 4Page - International Rectifier IRS21962SPBF_15 Datasheet HTML 5Page - International Rectifier IRS21962SPBF_15 Datasheet HTML 6Page - International Rectifier IRS21962SPBF_15 Datasheet HTML 7Page - International Rectifier IRS21962SPBF_15 Datasheet HTML 8Page - International Rectifier IRS21962SPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IRS21962S
www.irf.com
© 2008 International Rectifier
2
Table of Contents
Page
Description
3
Qualification Information
4
Absolute Maximum Ratings
5
Recommended Operating Conditions
5
Static Electrical Characteristics
6
Dynamic Electrical Characteristics
6
Functional Block Diagram
7
Input/Output Pin Equivalent Circuit Diagram
9
Lead Definitions
10
Lead Assignments
10
Package Details
11
Tape and Reel Details
12
Part Marking Information
13
Ordering Information
14


Similar Part No. - IRS21962SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21962S IRF-IRS21962S Datasheet
246Kb / 14P
   Dual channel high-side drivers with floating input
More results

Similar Description - IRS21962SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21962S IRF-IRS21962S Datasheet
246Kb / 14P
   Dual channel high-side drivers with floating input
IRS21956SPBF IRF-IRS21956SPBF_15 Datasheet
356Kb / 22P
   Floating Input, High and Low(Dual mode) Side Driver
IRS21956S IRF-IRS21956S Datasheet
356Kb / 22P
   Floating Input, High and Low(Dual mode) Side Driver
logo
Power Integrations, Inc...
INT201 POWERINT-INT201 Datasheet
100Kb / 12P
   Floating Inputs Floating High-side Drive
logo
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com