Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS25401PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRS25401PBF
Description  LED BUCK REGULATOR CONTROL IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS25401PBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRS25401PBF_15 Datasheet HTML 3Page - International Rectifier IRS25401PBF_15 Datasheet HTML 4Page - International Rectifier IRS25401PBF_15 Datasheet HTML 5Page - International Rectifier IRS25401PBF_15 Datasheet HTML 6Page - International Rectifier IRS25401PBF_15 Datasheet HTML 7Page - International Rectifier IRS25401PBF_15 Datasheet HTML 8Page - International Rectifier IRS25401PBF_15 Datasheet HTML 9Page - International Rectifier IRS25401PBF_15 Datasheet HTML 10Page - International Rectifier IRS25401PBF_15 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
IRS254(01,11)(S)
www.irf.com
© 2010 International Rectifier
7
Electrical Characteristics
VCC = VBS = VBIAS = 14 V +/- 0.25 V, CLO=CHO=1000 pF, CVCC=CVBS=0.1 μF, TA=25 °C unless otherwise
specified.
Symbol
Definition
Min
Typ
Max Units
Test Conditions
Supply Characteristics
VCCUV+
VCC supply undervoltage positive going
threshold
8.0
9.0
10.0
VCC rising from 0 V
VCCUV-
VCC supply undervoltage negative going
threshold
6.5
7.5
8.5
VCC falling from 14 V
VUVHYS
VCC supply undervoltage lockout
hysteresis
1.0
1.2
2.0
V
IQCCUV
UVLO mode quiescent current
---
50
150
µA
VCC=6 V
IQCCENN
Diesabled mode quiescent current
---
1.0
2.0
EN>VENTH+
IQCC
Quiescent VCC supply current
---
1.0
2.0
IFB = 1 V
ICC50k
VCC supply current, f = 50 kHz
---
2.0
3.0
mA
Duty Cycle = 50%
f = 50 kHz
VCLAMP
VCC zener clamp voltage
14.6
15.6
16.6
V
ICC = 10 mA
Floating Supply Characteristics
IQBS0
Quiescent VBS supply current
---
0.05
1.0
VHO = VS
IQBS1
Quiescent VBS supply current
---
1.0
2.0
mA
IFB = 0 V
VBSUV+
VBS supply undervoltage positive going
threshold
6.5
7.5
8.5
VBSUV-
VBS supply undervoltage negative going
threshold
6.0
7.0
8.0
V
ILK
Offset supply leakage current
---
1
50
µA
IRS25401:VB=VS=200 V
IRS25411:VB=VS=600 V
VCLAMPHS
VBS high side zener clamp voltage
24.4
26.0
27.6
V
ICC = 10 mA
Current Control Operation
VENNTH+
ENN pin positive threshold
2.5
2.7
3.0
VENNTH-
ENN pin negative threshold
1.7
2.0
2.3
V
V0.5
0.5 V voltage reference (die level test)
490
500
510
VIFBTH
IFB pin threshold
455
500
540
mV
f
Maximum frequency
---
500
---
kHz
Gate Driver Output Characteristics
VOL
Low level output voltage (HO or LO)
---
COM
---
VOH
High level output voltage (HO or LO)
---
VCC
---
V
tr
Turn-on rise time
---
50
120
tf
Turn-off fall time
---
30
50
ns
IO+/-
Output source/sink short circuit pulsed
current
---
0.5/0.7
---
A
DT
Deadtime
---
140
---
tLO,ON
Delay between VIFB>VIFBTH and LO turn-on
---
320
---
tLO,OFF
Delay between VIFB<VIFBTH and LO turn-off
---
180
---
tHO,ON
Delay between VIFB<VIFBTH and HO turn-
on
---
320
---
tHO,OFF
Delay between VIFB>VIFBTH and HO turn-
off
---
180
---
ns
IFB = 50 kHz square
wave, 200 mV pk-pk
DC offset = 400 mV
Duty Cycle = 50%
Watchdog timer
tWD
Watchdog timer period
---
20
---
PWWD
LO pulse width
---
1.0
---
μs
IFB =1 V


Similar Part No. - IRS25401PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS25401PBF IRF-IRS25401PBF Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
More results

Similar Description - IRS25401PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2540PBF IRF-IRS2540PBF Datasheet
449Kb / 14P
   LED BUCK REGULATOR CONTROL IC
IRS25401 IRF-IRS25401 Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
   SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
   SWITCHING REGULATOR CONTROL IC
logo
Micrel Semiconductor
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
   Low Voltage Buck PWM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com