Electronic Components Datasheet Search |
|
IRS26302DPBF Datasheet(PDF) 8 Page - International Rectifier |
|
IRS26302DPBF Datasheet(HTML) 8 Page - International Rectifier |
8 / 53 page IRS26302DJ www.irf.com © 2009 International Rectifier 8 Static Electrical Characteristics (VCC-COM) = (VB-VS) = 15 V. TA = 25°C unless otherwise specified. The VIN and IIN parameters are referenced to VSS and are applicable to all six channels. The VO and IO parameters are referenced to respective VS and COM and are applicable to the respective output leads HO or LO. The VCCUV parameters are referenced to VSS. The VBSUV parameters are referenced to VS. The PFCIo/BRIo and VPFC/ VBR are referenced to VSS and are applicable to PFCout/BRout lead. Symbol Definition Min Typ Max Units Test Conditions VIH Logic “1” input voltage 2.5 — — VIL Logic “0” input voltage — — 0.8 VIN,TH+ Input positive going threshold — 1.9 2.5 VIN,TH- Input negative going threshold 0.8 1 — VIT,TH+ Input positive going threshold 0.160 0.200 0.240 VIT,TH- Input negative going threshold 0.144 0.180 0.216 V VIT,HYS ITRIP hysteresis — 20 — mV VPFCT,TH+ VBRT,TH+ PFC/BR positive going threshold -0.144 -0.180 -0.216 VPFCT,TH- VBRT,TH- PFC/BR negative going threshold -0.160 -0.200 -0.240 V VPFCT,HYS VBRT,HYS PFC/BR hysteresis — 20 — mV VGFT,TH+ GF positive going threshold 0.140 0.180 0.220 VGFT,TH- GF negative going threshold 0.150 0.200 0.240 V VGFT = VDC - VGF VGFT,HYS GF hysteresis — 20 — mV VRCIN,TH+ RCIN positive going threshold — 8 — VRCIN,HYS RCIN hysteresis — 3 — VCC,UVTH+ VCC supply undervoltage positive going threshold 10.2 11.1 12.0 VCC,UVTH- VCC supply undervoltage negative going threshold 10.0 10.9 11.8 VCC,UVHYS VCC supply undervoltage hysteresis — 0.2 — VBS,UVTH+ VBS supply undervoltage positive going threshold 10.2 11.1 12.0 VBS, UVTH- VBS supply undervoltage negative going threshold 10.0 10.9 11.8 VBS,UVHS VBS supply undervoltage hysteresis — 0.2 — V ILK Offset supply leakage current — — 50 A VB1,2,3 = VDC = GF =600 V, VDC - VDCS = 20 V Iqbs Quiescent VBS supply current — 45 120 All input/output in off status Iqcc Quiescent VCC supply current — 2.5 4 mA All input/output in off status Io+ Output high short circuit pulsed current, HO1,2,3 100 200 — Vout = 0 V, PW </= 10 us Io- Output low short circuit pulsed current, HO1,2,3 190 350 — mA Vout = 15 V, PW </= 10 us VOH High level output voltage, VBIAS – VO, HO1,2,3 — 0.9 1.4 V IO = 20 mA VOL Low level output voltage, VO, HO1,2,3 — 0.4 0.6 |
Similar Part No. - IRS26302DPBF_15 |
|
Similar Description - IRS26302DPBF_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |