Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS58J63 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58J63
Description  ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58J63 Datasheet(HTML) 5 Page - Texas Instruments

  ADS58J63 Datasheet HTML 1Page - Texas Instruments ADS58J63 Datasheet HTML 2Page - Texas Instruments ADS58J63 Datasheet HTML 3Page - Texas Instruments ADS58J63 Datasheet HTML 4Page - Texas Instruments ADS58J63 Datasheet HTML 5Page - Texas Instruments ADS58J63 Datasheet HTML 6Page - Texas Instruments ADS58J63 Datasheet HTML 7Page - Texas Instruments ADS58J63 Datasheet HTML 8Page - Texas Instruments ADS58J63 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
ADS58J63
www.ti.com
SBAS717A – JUNE 2015 – REVISED JUNE 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
AVDD3V
–0.3
3.6
V
AVDD
–0.3
2.1
V
Supply voltage range:
DVDD
–0.3
2.1
V
IOVDD
–0.2
1.4
V
Voltage between AGND and DGND
–0.3
0.3
V
INA/BP, INA/BM, INC/DP, INC/DM
–0.3
3
V
CLKINP, CLKINM
–0.3
AVDD + 0.3
V
Voltage applied to input pins
SYSREFP, SYSREFM, TRIGAB, TRIGCD
–0.3
AVDD + 0.3
V
SCLK, SEN, SDIN, RESET, SPI_MODE,
–0.2
2
V
SYNCbABP/M, SYNCbCDP/M, PDN
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1
kV
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
AVDD3V
2.85
3
3.6
V
AVDD
1.8
1.9
2
V
Supply voltage range:
DVDD
1.8
1.9
2
V
IOVDD
1.1
1.15
1.2
V
Differential input voltage range
1.9
VPP
Analog inputs:
Input common-mode voltage
VCM ± 0.025
V
Input clock frequency, device clock frequency
250
500
MHz
Sine wave, ac-coupled
1.5
VPP
Input clock amplitude differential
Clock inputs:
LVPECL, ac-coupled
1.6
VPP
(VCLKP – VCLKM)
LVDS, ac-coupled
0.7
VPP
Input device clock duty cycle, default after reset
45%
50%
55%
Operating free-air, TA
–40
85
ºC
Temperature:
Operating junction, TJ
105(2)
125
ºC
(1)
SYSREF needs to be applied for the device bring up.
(2)
Prolonged use above this junction temperature can increase the device failure-in-time (FIT) rate.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS58J63


Similar Part No. - ADS58J63

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58J63 TI1-ADS58J63 Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63IRMPR TI1-ADS58J63IRMPR Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63IRMPT TI1-ADS58J63IRMPT Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
More results

Similar Description - ADS58J63

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58J63 TI1-ADS58J63 Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J64 TI1-ADS58J64 Datasheet
7Mb / 81P
[Old version datasheet]   Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS58J64 TI1-ADS58J64_V01 Datasheet
8Mb / 84P
[Old version datasheet]   ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
ADS58J89 TI-ADS58J89_15 Datasheet
2Mb / 77P
[Old version datasheet]   ADS58J89 Quad Channel 14-Bit 250/500 MSPS Receiver and Feedback IC
ADC32RF82 TI1-ADC32RF82 Datasheet
7Mb / 151P
[Old version datasheet]   Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
ADS54J66 TI1-ADS54J66 Datasheet
5Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
logo
Analog Devices
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9694 AD-AD9694 Datasheet
2Mb / 101P
   14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com