Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSM505-015 Datasheet(PDF) 1 Page - International Rectifier

Part # IRSM505-015
Description  Integrated Power Module for Small Appliance Motor Drive Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM505-015 Datasheet(HTML) 1 Page - International Rectifier

  IRSM505-015_15 Datasheet HTML 1Page - International Rectifier IRSM505-015_15 Datasheet HTML 2Page - International Rectifier IRSM505-015_15 Datasheet HTML 3Page - International Rectifier IRSM505-015_15 Datasheet HTML 4Page - International Rectifier IRSM505-015_15 Datasheet HTML 5Page - International Rectifier IRSM505-015_15 Datasheet HTML 6Page - International Rectifier IRSM505-015_15 Datasheet HTML 7Page - International Rectifier IRSM505-015_15 Datasheet HTML 8Page - International Rectifier IRSM505-015_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
IRSM505-015
IRSM515-015 Series
1
www.irf.com
© 2014 International Rectifier
November 24, 2014
6.0
Ω, 500V
Integrated Power Module for
Small Appliance Motor Drive Applications
Description
IRSM505-015 and IRSM515-015 are 3-phase Integrated Power Modules (IPM) designed for advanced appliance
motor drive applications such as energy efficient fans and pumps. These advanced IPMs offers a combination of
low RDS(on) Trench FREDFET technology and the industry benchmark half-bridge high voltage, rugged driver in a
familiar package. The modules are optimized for low EMI characteristics.
IRSM505-015 includes temperature feedback while IRSM515-015 does not.
Features
500V 3-phase inverter including high voltage gate drivers
Integrated bootstrap functionality
Low
6.0Ω (max, 25°C) R
DS(on) Trench FREDFET
Under-voltage lockout for all channels
Matched propagation delay for all channels
Temperature feedback via NTC (IRSM505-015 only)
Optimized dV/dt for loss and EMI trade offs
Open-source for single and leg-shunt current sensing
3.3V logic compatible with advanced input filter
Driver tolerant to negative transient voltage (-Vs)
Isolation 1900VRMS, 1min
RoHS Compliant
Certified by UL - File Number E252584
Base Part Number
NTC
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRSM505-015
Yes
SOP23
Tube
240
IRSM505-015PA
DIP23
Tube
240
IRSM505-015DA
DIP23A
Tube
240
IRSM505-015DA2
IRSM515-015
No
SOP23
Tube
240
IRSM515-015PA
DIP23
Tube
240
IRSM515-015DA
DIP23A
Tube
240
IRSM515-015DA2


Similar Part No. - IRSM505-015_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRSM505-015DA INFINEON-IRSM505-015DA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-015DA2 INFINEON-IRSM505-015DA2 Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-015PA INFINEON-IRSM505-015PA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
More results

Similar Description - IRSM505-015_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM836-035MA IRF-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
IRSM836-025MA IRF-IRSM836-025MA Datasheet
501Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
logo
Infineon Technologies A...
IRSM506-076 INFINEON-IRSM506-076 Datasheet
858Kb / 17P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 10, 2016
IRSM836-045MA INFINEON-IRSM836-045MA Datasheet
556Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM505-015PA INFINEON-IRSM505-015PA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-024 INFINEON-IRSM505-024 Datasheet
583Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-015MA INFINEON-IRSM836-015MA Datasheet
746Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM836-044MA INFINEON-IRSM836-044MA Datasheet
756Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM505-035 INFINEON-IRSM505-035 Datasheet
569Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-024MA INFINEON-IRSM836-024MA Datasheet
508Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM836-035MA INFINEON-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com