Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSM505-044 Datasheet(PDF) 2 Page - International Rectifier

Part # IRSM505-044
Description  Integrated bootstrap functionality
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM505-044 Datasheet(HTML) 2 Page - International Rectifier

  IRSM505-044 Datasheet HTML 1Page - International Rectifier IRSM505-044 Datasheet HTML 2Page - International Rectifier IRSM505-044 Datasheet HTML 3Page - International Rectifier IRSM505-044 Datasheet HTML 4Page - International Rectifier IRSM505-044 Datasheet HTML 5Page - International Rectifier IRSM505-044 Datasheet HTML 6Page - International Rectifier IRSM505-044 Datasheet HTML 7Page - International Rectifier IRSM505-044 Datasheet HTML 8Page - International Rectifier IRSM505-044 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
IRSM505-044
IRSM515-044 Series
2
www.irf.com
© 2014 International Rectifier Submit Datasheet Feedback
May 19, 2014
Internal Electrical Schematic
Half-Bridge
HVIC
Half-Bridge
HVIC
Half-Bridge
HVIC
1 COM
2 VB1
3 VCC1
4 HIN1
5 LIN1
6 NC
7 VB2
8 VCC2
9 HIN2
10 LIN 2
11 VTH
12 VB3
13 VCC3
14 HIN3
15 LIN 3
16 NC
17 V+
18 U/VS1
19 VR1
20 VR2
21 V/VS2
22 VR3
23 W/VS3
Integrated in HVIC
Half-Bridge
HVIC
Half-Bridge
HVIC
Half-Bridge
HVIC
1 COM
2 VB1
3 VCC1
4 HIN1
5 LIN1
6 NC
7 VB2
8 VCC2
9 HIN2
10 LIN 2
11 NC
12 VB3
13 VCC3
14 HIN3
15 LIN 3
16 NC
17 V+
18 U/VS1
19 VR1
20 VR2
21 V/VS2
22 VR3
23 W/VS3
Integrated in HVIC
IRSM505-044
IRSM515-044
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the module may occur. These are not tested at
manufacturing. All voltage parameters are absolute voltages referenced to COM unless otherwise stated in the table.
Symbol
Description
Min
Max
Unit
BVDSS
MOSFET Blocking Voltage
---
250
V
IO @ TC=25°C
DC Output Current per MOSFET
---
3.0
A
IOP @ TC =25°C
Pulsed Output Current per MOSFET (Note 1)
---
15
Pd @ TC=25°C
Maximum Power Dissipation per MOSFET
---
16
W
VISO
Isolation Voltage (1min)
---
1900
VRMS
TJ
Operating Junction Temperature
-40
150
°C
TC
Operating Case Temperature
-40
150
°C
TS
Storage Temperature
-40
150
°C
VS1,2,3
High Side Floating Supply Offset Voltage
VB1,2,3 - 20
VB1,2,3 +0.3
V
VB1,2,3
High Side Floating Supply Voltage
-0.3
275
V
VCC
Low Side and Logic Supply voltage
-0.3
25
V
VIN
Input Voltage of LIN, HIN
COM -0.3
VCC+0.3
V
Note 1: Pulse Width = 100µs, Single Pulse


Similar Part No. - IRSM505-044

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM505-015 IRF-IRSM505-015 Datasheet
831Kb / 15P
   Integrated Power Module for Small Appliance Motor Drive Applications
logo
Infineon Technologies A...
IRSM505-015DA INFINEON-IRSM505-015DA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-015DA2 INFINEON-IRSM505-015DA2 Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-015PA INFINEON-IRSM505-015PA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
logo
International Rectifier
IRSM505-015 IRF-IRSM505-015_15 Datasheet
831Kb / 15P
   Integrated Power Module for Small Appliance Motor Drive Applications
More results

Similar Description - IRSM505-044

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM807-045MH IRF-IRSM807-045MH_15 Datasheet
358Kb / 11P
   Integrated gate drivers and bootstrap functionality
IRSM807-105MH IRF-IRSM807-105MH_15 Datasheet
947Kb / 17P
   Integrated gate drivers and bootstrap functionality
IRSM836-015MA IRF-IRSM836-015MA_15 Datasheet
484Kb / 20P
   Integrated gate drivers and bootstrap functionality
IRSM836-044MA IRF-IRSM836-044MA_15 Datasheet
738Kb / 19P
   Integrated gate drivers and bootstrap functionality
logo
Infineon Technologies A...
IM111-X6Q1B INFINEON-IM111-X6Q1B Datasheet
1Mb / 19P
   Integrated gate drivers and bootstrap functionality
Revision 1.0 2019-12-12
logo
International Rectifier
IRSM836-025MA IRF-IRSM836-025MA_15 Datasheet
501Kb / 19P
   Integrated gate drivers and bootstrap functionality
IRSM808-105MH IRF-IRSM808-105MH_15 Datasheet
970Kb / 17P
   Integrated gate drivers and bootstrap functionality
IRSM836-024MA IRF-IRSM836-024MA_15 Datasheet
508Kb / 19P
   Integrated gate drivers and bootstrap functionality
logo
Infineon Technologies A...
IM111-X3Q1B INFINEON-IM111-X3Q1B Datasheet
1Mb / 19P
   Integrated gate drivers and bootstrap functionality
Revision 1.0 2019-12-12
logo
International Rectifier
IRSM808-204MH IRF-IRSM808-204MH_15 Datasheet
513Kb / 10P
   Integrated gate drivers and bootstrap functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com