Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSM505-055 Datasheet(PDF) 11 Page - International Rectifier

Part # IRSM505-055
Description  Under-voltage lockout for all channels
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM505-055 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRSM505-055_15 Datasheet HTML 7Page - International Rectifier IRSM505-055_15 Datasheet HTML 8Page - International Rectifier IRSM505-055_15 Datasheet HTML 9Page - International Rectifier IRSM505-055_15 Datasheet HTML 10Page - International Rectifier IRSM505-055_15 Datasheet HTML 11Page - International Rectifier IRSM505-055_15 Datasheet HTML 12Page - International Rectifier IRSM505-055_15 Datasheet HTML 13Page - International Rectifier IRSM505-055_15 Datasheet HTML 14Page - International Rectifier IRSM505-055_15 Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
IRSM505-055
IRSM515-055 Series
11
www.irf.com
© 2014 International Rectifier
November 24, 2014
Figure 8: VTH vs TTH with VTH pin pulled up to VCC with a 7.
Ω (1%, 1
ppm) resistor.
A 15V, 1% variation in VCC is assumed.
Figure 9: TTH vs TJ for a module without a heat sink. VCC=15.4V, R=7.50kΩ
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
T
TH (°C)
min
typical
max
0
20
40
60
80
100
120
140
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150 160
T
J (°C)


Similar Part No. - IRSM505-055_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRSM505-055DA INFINEON-IRSM505-055DA Datasheet
572Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-055DA2 INFINEON-IRSM505-055DA2 Datasheet
572Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-055PA INFINEON-IRSM505-055PA Datasheet
572Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
More results

Similar Description - IRSM505-055_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BS2100F ROHM-BS2100F Datasheet
838Kb / 19P
   Built-in Under Voltage Lockout for Both Channels
logo
International Rectifier
IR2130DSCB IRF-IR2130DSCB Datasheet
176Kb / 21P
   Undervoltage lockout for all channels
logo
Texas Instruments
PT5540 TI1-PT5540_14 Datasheet
199Kb / 9P
[Old version datasheet]   Under-Voltage Lockout
logo
SynQor Worldwide Headqu...
PQ60012SMX25 SYNQOR-PQ60012SMX25 Datasheet
930Kb / 15P
   Input under-voltage lockout
logo
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
   Input under voltage lockout
logo
Bel Fuse Inc.
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
   Input Under-Voltage Lockout
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
   Input Under-Voltage Lockout
logo
SynQor Worldwide Headqu...
SQ60060QPX55 SYNQOR-SQ60060QPX55 Datasheet
2Mb / 15P
   Input under-voltage lockout
logo
Bel Fuse Inc.
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
   Input Under Voltage Lockout
0RQB-X0S10 BEL-0RQB-X0S10 Datasheet
980Kb / 26P
   Input Under-Voltage Lockout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com