Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSM505-055 Datasheet(PDF) 4 Page - International Rectifier

Part # IRSM505-055
Description  Under-voltage lockout for all channels
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM505-055 Datasheet(HTML) 4 Page - International Rectifier

  IRSM505-055 Datasheet HTML 1Page - International Rectifier IRSM505-055 Datasheet HTML 2Page - International Rectifier IRSM505-055 Datasheet HTML 3Page - International Rectifier IRSM505-055 Datasheet HTML 4Page - International Rectifier IRSM505-055 Datasheet HTML 5Page - International Rectifier IRSM505-055 Datasheet HTML 6Page - International Rectifier IRSM505-055 Datasheet HTML 7Page - International Rectifier IRSM505-055 Datasheet HTML 8Page - International Rectifier IRSM505-055 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
IRSM505-055
IRSM515-055 Series
4
www.irf.com
© 2014 International Rectifier
November 24, 2014
Dynamic Electrical Characteristics
(VCC-COM) = (VB-VS) = 15 V. TC = 25
oC unless otherwise specified.
Symbol
Description
Min
Typ
Max
Units
Conditions
TON
Input to Output Propagation Turn-On
Delay Time
---
0.8
1.5
µs
ID=120mA, V+=30V
See Fig.1
TOFF
Input to Output Propagation Turn-Off
Delay Time
---
0.9
1.5
µs
TFIL,IN
Input Filter Time (HIN, LIN)
200
300
---
ns
VIN=0 & VIN=3.3V
DT
Deadtime Inserted
---
400
---
ns
VIN=0 & VIN=3.3V without
external deadtime
EON
Turn-on switching energy loss
---
32
---
µJ
V+=320V, ID=0.5A, L=40mH,
TC=25°C (Note 4)
EOFF
Turn-off switching energy loss
---
6
---
µJ
EREC
Recovery energy loss
---
5
---
µJ
EON,150
Turn-on switching energy loss
---
59
---
µJ
V+=320V, ID=0.5A, L=40mH,
TC=150°C (Note 4)
EOFF,150
Turn-off switching energy loss
---
7
---
µJ
EREC,150
Recovery energy loss
---
12
---
µJ
Note 4: Characterized, not tested at manufacturing
Thermal and Mechanical Characteristics
Symbol
Description
Min
Typ
Max
Units
Conditions
Rth(J-C)
Junction to Case Thermal Resistance
---
6.8
---
°C/W
High Side V-Phase Mosfet
(Note 5)
Note 5: Characterized, not tested at manufacturing. Case temperature (TC) point shown in Figure 2.
Internal NTC
– Thermistor Characteristics (IRSM505-055 Only)
Symbol
Description
Min
Typ
Max
Units
Conditions
R25
Resistance
---
47
---
k
Ω
TC=25°C, ±5% tolerance
R125
Resistance
---
1.41
---
k
Ω
TC=125°C
B
B-constant (25-50°C)
---
4050
---
K
±2% tolerance (Note 6)
Temperature Range
-40
---
125
°C
Note 6: See application notes for usage


Similar Part No. - IRSM505-055

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRSM505-055 INFINEON-IRSM505-055 Datasheet
572Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-055DA INFINEON-IRSM505-055DA Datasheet
572Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-055DA2 INFINEON-IRSM505-055DA2 Datasheet
572Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-055PA INFINEON-IRSM505-055PA Datasheet
572Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
More results

Similar Description - IRSM505-055

ManufacturerPart #DatasheetDescription
logo
Rohm
BS2100F ROHM-BS2100F Datasheet
838Kb / 19P
   Built-in Under Voltage Lockout for Both Channels
logo
International Rectifier
IR2130DSCB IRF-IR2130DSCB Datasheet
176Kb / 21P
   Undervoltage lockout for all channels
logo
Texas Instruments
PT5540 TI1-PT5540_14 Datasheet
199Kb / 9P
[Old version datasheet]   Under-Voltage Lockout
logo
SynQor Worldwide Headqu...
PQ60012SMX25 SYNQOR-PQ60012SMX25 Datasheet
930Kb / 15P
   Input under-voltage lockout
logo
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
   Input under voltage lockout
logo
Bel Fuse Inc.
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
   Input Under-Voltage Lockout
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
   Input Under-Voltage Lockout
logo
SynQor Worldwide Headqu...
SQ60060QPX55 SYNQOR-SQ60060QPX55 Datasheet
2Mb / 15P
   Input under-voltage lockout
logo
Bel Fuse Inc.
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
   Input Under Voltage Lockout
0RQB-X0S10 BEL-0RQB-X0S10 Datasheet
980Kb / 26P
   Input Under-Voltage Lockout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com