Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7K52-60E Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BUK7K52-60E
Description  Dual N-channel 60 V, 45 m廓 standard level MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7K52-60E Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BUK7K52-60E_15 Datasheet HTML 5Page - NXP Semiconductors BUK7K52-60E_15 Datasheet HTML 6Page - NXP Semiconductors BUK7K52-60E_15 Datasheet HTML 7Page - NXP Semiconductors BUK7K52-60E_15 Datasheet HTML 8Page - NXP Semiconductors BUK7K52-60E_15 Datasheet HTML 9Page - NXP Semiconductors BUK7K52-60E_15 Datasheet HTML 10Page - NXP Semiconductors BUK7K52-60E_15 Datasheet HTML 11Page - NXP Semiconductors BUK7K52-60E_15 Datasheet HTML 12Page - NXP Semiconductors BUK7K52-60E_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NXP Semiconductors
BUK7K52-60E
Dual N-channel 60 V, 45 mΩ standard level MOSFET
BUK7K52-60E
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
10 December 2013
10 / 13
11. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1205
sot1205_po
13-02-19
13-02-21
Unit
mm
max
nom
min
1.05 0.1
0.0
4.4
4.1
0.25
0.19
0.30
0.24
4.70
4.45
3.5
5.30
4.95
0.85
0.85
0.40
A
Dimensions
Note
1. Plastic or metal protrusions of 0.2 mm maximum per side are not included.
Plastic single ended surface mounted package (LFPAK56D); 8 leads
SOT1205
A1
b
0.50
0.35
b1
c
c1 D(1)
0.1
8°
0°
y
θ
D1(1)
4.8
D2
(ref) E
(1) E1(1)
1.8
1.6
E2
e
1.27
H
6.2
5.9
L
1.3
0.8
L1
0.55
0.30
Lp
0.25
w
0
2.5
5 mm
scale
detail X
A1 C
Lp
θ
C
y
E2
D2
E1
D1
mounting
base
c
X
A
c1
A
e
b
(8x)
w
A
D
E
H
L
L1
b1
1
2
3
4
Fig. 17. Package outline LFPAK56D (SOT1205)


Similar Part No. - BUK7K52-60E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7K52-60E NEXPERIA-BUK7K52-60E Datasheet
738Kb / 13P
   Dual N-channel 60 V, 45 m廓 standard level MOSFET
More results

Similar Description - BUK7K52-60E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7K52-60E NEXPERIA-BUK7K52-60E Datasheet
738Kb / 13P
   Dual N-channel 60 V, 45 m廓 standard level MOSFET
BUK7K35-60E NEXPERIA-BUK7K35-60E Datasheet
747Kb / 13P
   Dual N-channel 60 V, 30 m廓 standard level MOSFET
BUK7K17-60E NEXPERIA-BUK7K17-60E Datasheet
763Kb / 13P
   Dual N-channel 60 V, 14 m廓 standard level MOSFET
logo
NXP Semiconductors
BUK7K12-60E NXP-BUK7K12-60E Datasheet
333Kb / 13P
   Dual N-channel 60 V, 9.3 m廓 standard level MOSFET
11 December 2013
logo
Nexperia B.V. All right...
BUK7K13-60E NEXPERIA-BUK7K13-60E Datasheet
722Kb / 13P
   Dual N-channel 60 V, 10 m廓 standard level MOSFET
logo
NXP Semiconductors
PSMN015-60PS PHILIPS-PSMN015-60PS_11 Datasheet
197Kb / 14P
   N-channel 60 V 14.8 m廓 standard level MOSFET
Rev. 3-23 June 2011
PSMN015-60PS NXP-PSMN015-60PS Datasheet
242Kb / 14P
   N-channel 60 V 14.8 m廓 standard level MOSFET
Rev. 02-22 February 2010
PSMN3R0-60PS NXP-PSMN3R0-60PS Datasheet
220Kb / 13P
   N-channel 60 V 3.0 m廓 standard level MOSFET
Rev. 01-23 November 2009
PSMN7R6-60PS NXP-PSMN7R6-60PS Datasheet
177Kb / 14P
   N-channel 60 V 7.8 m廓 standard level MOSFET
Rev. 02-22 January 2010
PSMN045-80YS NXP-PSMN045-80YS Datasheet
265Kb / 14P
   N-channel LFPAK 80 V 45 m廓 standard level MOSFET
Rev. 01-19 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com