Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSM505-084 Datasheet(PDF) 2 Page - International Rectifier

Part # IRSM505-084
Description  250V 3-phase inverter including high voltage gate drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM505-084 Datasheet(HTML) 2 Page - International Rectifier

  IRSM505-084 Datasheet HTML 1Page - International Rectifier IRSM505-084 Datasheet HTML 2Page - International Rectifier IRSM505-084 Datasheet HTML 3Page - International Rectifier IRSM505-084 Datasheet HTML 4Page - International Rectifier IRSM505-084 Datasheet HTML 5Page - International Rectifier IRSM505-084 Datasheet HTML 6Page - International Rectifier IRSM505-084 Datasheet HTML 7Page - International Rectifier IRSM505-084 Datasheet HTML 8Page - International Rectifier IRSM505-084 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
IRSM505-084
IRSM515-084 Series
2
www.irf.com
© 2014 International Rectifier
November 24, 2014
Internal Electrical Schematic
Half-Bridge
HVIC
Half-Bridge
HVIC
Half-Bridge
HVIC
1 COM
2 VB1
3 VCC1
4 HIN1
5 LIN1
6 NC
7 VB2
8 VCC2
9 HIN2
10 LIN2
11 VTH
12 VB3
13 VCC3
14 HIN3
15 LIN3
16 NC
17 V+
18 U/VS1
19 VR1
20 VR2
21 V/VS2
22 VR3
23 W/VS3
Integrated in HVIC
Half-Bridge
HVIC
Half-Bridge
HVIC
Half-Bridge
HVIC
1 COM
2 VB1
3 VCC1
4 HIN1
5 LIN1
6 NC
7 VB2
8 VCC2
9 HIN2
10 LIN2
11 NC
12 VB3
13 VCC3
14 HIN3
15 LIN3
16 NC
17 V+
18 U/VS1
19 VR1
20 VR2
21 V/VS2
22 VR3
23 W/VS3
Integrated in HVIC
IRSM505-084
IRSM515-084
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the module may occur. These are not tested at
manufacturing. All voltage parameters are absolute voltages referenced to COM unless otherwise stated in the table.
Symbol
Description
Min
Max
Unit
BVDSS
MOSFET Blocking Voltage
---
250
V
IO @ TC=25°C
DC Output Current per MOSFET
---
4.6
A
IOP @ TC =25°C
Pulsed Output Current per MOSFET (Note 1)
---
15
Pd @ TC=25°C
Maximum Power Dissipation per MOSFET
---
18
W
VISO
Isolation Voltage (1min)
---
1900
VRMS
TJ
Operating Junction Temperature
-40
150
°C
TC
Operating Case Temperature
-40
150
°C
TS
Storage Temperature
-40
150
°C
VS1,2,3
High Side Floating Supply Offset Voltage
VB1,2,3 - 20
VB1,2,3 +0.3
V
VB1,2,3
High Side Floating Supply Voltage
-0.3
275
V
VCC
Low Side and Logic Supply voltage
-0.3
25
V
VIN
Input Voltage of LIN, HIN
COM -0.3
VCC+0.3
V
Note 1: Pulse Width = 100µs, Single Pulse


Similar Part No. - IRSM505-084

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRSM505-084 INFINEON-IRSM505-084 Datasheet
831Kb / 15P
   Integrated Power Module for Small Appliance Motor Drive Applications
November 24, 2014
IRSM505-084DA INFINEON-IRSM505-084DA Datasheet
831Kb / 15P
   Integrated Power Module for Small Appliance Motor Drive Applications
November 24, 2014
IRSM505-084DA2 INFINEON-IRSM505-084DA2 Datasheet
831Kb / 15P
   Integrated Power Module for Small Appliance Motor Drive Applications
November 24, 2014
IRSM505-084PA INFINEON-IRSM505-084PA Datasheet
831Kb / 15P
   Integrated Power Module for Small Appliance Motor Drive Applications
November 24, 2014
More results

Similar Description - IRSM505-084

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM505-065 IRF-IRSM505-065_15 Datasheet
820Kb / 15P
   500V 3-phase inverter including high voltage gate drivers
logo
Infineon Technologies A...
IM231-L6S1B INFINEON-IM231-L6S1B Datasheet
1Mb / 24P
   600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
IM231-M6S1B INFINEON-IM231-M6S1B Datasheet
1Mb / 24P
   600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
IM240 INFINEON-IM240 Datasheet
833Kb / 27P
   600V three-phase inverter including gate drivers
Revision 2.2 2020-07-08
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com