Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSM505-084 Datasheet(PDF) 9 Page - International Rectifier

Part # IRSM505-084
Description  250V 3-phase inverter including high voltage gate drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM505-084 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRSM505-084 Datasheet HTML 5Page - International Rectifier IRSM505-084 Datasheet HTML 6Page - International Rectifier IRSM505-084 Datasheet HTML 7Page - International Rectifier IRSM505-084 Datasheet HTML 8Page - International Rectifier IRSM505-084 Datasheet HTML 9Page - International Rectifier IRSM505-084 Datasheet HTML 10Page - International Rectifier IRSM505-084 Datasheet HTML 11Page - International Rectifier IRSM505-084 Datasheet HTML 12Page - International Rectifier IRSM505-084 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
IRSM505-084
IRSM515-084 Series
9
www.irf.com
© 2014 International Rectifier
November 24, 2014
Figures 5-6 show the typical current capability for this module at specified conditions. In all tests, the application
board
– the IRMCS1071-1-D reference board – was placed in a box to prevent cooling from ambient airflow. The
figures represent current capability for the module as used without any heat sink.
∆T
JA represents the difference in
temperature between the junction of the high-side V-phase Mosfet and the ambient, measured 10cm above and
6cm away from the board. Ambient temperature kept within 27-29°C.
Figure 5: Maximum sinusoidal phase current vs PWM switching frequency, no heat sink.
Space Vector Modulation, V+=150V, TA=28°C, TJ=128°C
Figure 6: Maximum sinusoidal phase current vs PWM switching frequency, no heat sink.
Space Vector Modulation, V+=150V, TA=28°C, TJ=98°C
0
200
400
600
800
1000
1200
1400
6
8
10
12
14
16
18
20
Carrier Frequency (kHz)
3-Phase Modulation
2-Phase modulation
0
200
400
600
800
1000
1200
6
8
10
12
14
16
18
20
Carrier Frequency (kHz)
3-Phase Modulation
2-Phase Modulation


Similar Part No. - IRSM505-084

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRSM505-084 INFINEON-IRSM505-084 Datasheet
831Kb / 15P
   Integrated Power Module for Small Appliance Motor Drive Applications
November 24, 2014
IRSM505-084DA INFINEON-IRSM505-084DA Datasheet
831Kb / 15P
   Integrated Power Module for Small Appliance Motor Drive Applications
November 24, 2014
IRSM505-084DA2 INFINEON-IRSM505-084DA2 Datasheet
831Kb / 15P
   Integrated Power Module for Small Appliance Motor Drive Applications
November 24, 2014
IRSM505-084PA INFINEON-IRSM505-084PA Datasheet
831Kb / 15P
   Integrated Power Module for Small Appliance Motor Drive Applications
November 24, 2014
More results

Similar Description - IRSM505-084

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM505-065 IRF-IRSM505-065_15 Datasheet
820Kb / 15P
   500V 3-phase inverter including high voltage gate drivers
logo
Infineon Technologies A...
IM231-L6S1B INFINEON-IM231-L6S1B Datasheet
1Mb / 24P
   600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
IM231-M6S1B INFINEON-IM231-M6S1B Datasheet
1Mb / 24P
   600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
IM240 INFINEON-IM240 Datasheet
833Kb / 27P
   600V three-phase inverter including gate drivers
Revision 2.2 2020-07-08
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com