Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1100DUB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1100DUB
Description  AMC1100 Fully-Differential Isolation Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1100DUB Datasheet(HTML) 3 Page - Texas Instruments

  AMC1100DUB Datasheet HTML 1Page - Texas Instruments AMC1100DUB Datasheet HTML 2Page - Texas Instruments AMC1100DUB Datasheet HTML 3Page - Texas Instruments AMC1100DUB Datasheet HTML 4Page - Texas Instruments AMC1100DUB Datasheet HTML 5Page - Texas Instruments AMC1100DUB Datasheet HTML 6Page - Texas Instruments AMC1100DUB Datasheet HTML 7Page - Texas Instruments AMC1100DUB Datasheet HTML 8Page - Texas Instruments AMC1100DUB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
1
2
3
4
8
7
6
5
VDD2
VOUTP
VOUTN
GND2
VDD1
VINP
VINN
GND1
AMC1100
www.ti.com
SBAS562A – APRIL 2012 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
DUB and DWV Packages
SOP-8 and SOIC-8
(Top View)
Pin Descriptions
PIN
FUNCTION
NAME
NO.
DESCRIPTION
GND1
4
Power
High-side analog ground
GND2
5
Power
Low-side analog ground
VDD1
1
Power
High-side power supply
VDD2
8
Power
Low-side power supply
VINN
3
Analog input
Inverting analog input
VINP
2
Analog input
Noninverting analog input
VOUTN
6
Analog output
Inverting analog output
VOUTP
7
Analog output
Noninverting analog output
6 Specifications
6.1 Absolute Maximum Ratings
over the operating ambient temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VDD1 to GND1 or VDD2 to GND2
–0.5
6
V
Analog input voltage at VINP, VINN
GND1 – 0.5
VDD1 + 0.5
V
Input current to any pin except supply pins
±10
mA
Maximum junction temperature, TJ Max
150
°C
Storage temperature range, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-
±1000
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: AMC1100


Similar Part No. - AMC1100DUB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1100DUB TI-AMC1100DUB Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
AMC1100DUBR TI-AMC1100DUBR Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
More results

Similar Description - AMC1100DUB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200 TI-AMC1200_15 Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com