Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1200BDWVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1200BDWVR
Description  AMC1200/B Fully-Differential Isolation Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1200BDWVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC1200BDWVR Datasheet HTML 7Page - Texas Instruments AMC1200BDWVR Datasheet HTML 8Page - Texas Instruments AMC1200BDWVR Datasheet HTML 9Page - Texas Instruments AMC1200BDWVR Datasheet HTML 10Page - Texas Instruments AMC1200BDWVR Datasheet HTML 11Page - Texas Instruments AMC1200BDWVR Datasheet HTML 12Page - Texas Instruments AMC1200BDWVR Datasheet HTML 13Page - Texas Instruments AMC1200BDWVR Datasheet HTML 14Page - Texas Instruments AMC1200BDWVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Isolation
Barrier
û-Modulator
RX
2.5-V
Reference
VOUTP
VOUTN
VDD2
GND2
GND1
VINP
VINN
VDD1
RC oscillator
RX
TX
TX
Retiming and
3
rd order
active
low-pass filter
DATA
CLK
2.56-V
Reference
AMC1200, AMC1200B
www.ti.com
SBAS542D – APRIL 2011 – REVISED JULY 2015
7 Detailed Description
7.1 Overview
The AMC1200 is a fully-differential precision isolation amplifier. The analog input signal is converted to a digital
signal and then transferred across a capacitive isolation barrier. The digital modulation used in the AMC1200
together with the isolation barrier characteristics result in excellent reliability and transient immunity.
After processing the digital signal with a low-pass filter, an analog signal is provided at the outputs. The main
building blocks are shown in the Functional Block Diagram section.
The SiO2-based capacitive isolation barrier supports a high level of magnetic field immunity, as described in
application report, ISO72x Digital Isolator Magnetic-Field Immunity (SLLA181), available for download at
www.ti.com.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Insulation Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Maximum working
VIORM
1200
VPEAK
insulation voltage
Qualification test: after Input/Output Safety Test
Subgroup 2/3 VPR = VIORM × 1.2, t = 10 s, partial
1140
VPEAK
discharge < 5 pC
Qualification test: method a, after environmental tests
VPR
Input to output test voltage
subgroup 1, VPR = VIORM × 1.6, t = 10 s, partial
1920
VPEAK
discharge < 5 pC
100% production test: method b1, VPR = VIORM x 1.875,
2250
VPEAK
t = 1 s, partial discharge < 5 pC
AMC1200
4000
VPEAK
VIOTM
Transient overvoltage
Qualification test: t = 60 s
AMC1200B
4250
VPEAK
AMC1200
4000
VPEAK
Qualification test: VTEST = VISO,
t = 60 s
AMC1200B
4250
VPEAK
VISO
Insulation voltage per UL
AMC1200
4800
VPEAK
100% production test: VTEST =
1.2 x VISO, t = 1 s
AMC1200B
5100
VPEAK
RS
Insulation resistance
VIO = 500 V at TS
> 109
Ω
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: AMC1200 AMC1200B


Similar Part No. - AMC1200BDWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
More results

Similar Description - AMC1200BDWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100_15 Datasheet
1Mb / 33P
[Old version datasheet]   AMC1100 Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com