Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1203 Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC1203
Description  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1203 Datasheet(HTML) 1 Page - Texas Instruments

  AMC1203_15 Datasheet HTML 1Page - Texas Instruments AMC1203_15 Datasheet HTML 2Page - Texas Instruments AMC1203_15 Datasheet HTML 3Page - Texas Instruments AMC1203_15 Datasheet HTML 4Page - Texas Instruments AMC1203_15 Datasheet HTML 5Page - Texas Instruments AMC1203_15 Datasheet HTML 6Page - Texas Instruments AMC1203_15 Datasheet HTML 7Page - Texas Instruments AMC1203_15 Datasheet HTML 8Page - Texas Instruments AMC1203_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Output
Buffer
V
REF
+
-
+
-
MDAT
MCLK
Output
Buffer
V
REF
+
-
+
-
POR
BIAS
POR
IsolationBarrier
2nd-Order
DS Modulator
20MHz
RC
Oscillator
V
IN+
V
IN-
Buffer
2.5V
V
REF
AMC1203
www.ti.com
SBAS427C
– FEBRUARY 2008 – REVISED JUNE 2011
1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
Check for Samples: AMC1203
1
FEATURES
DESCRIPTION
The AMC1203 is a 1-bit, 10MHz, isolated delta-sigma
2
16-Bit Resolution
(
ΔΣ) modulator with an output buffer separated from
SNR: 80.5dB min
the input interface circuitry by a silicon dioxide (SiO2)
THD:
–88dB max (AMC1203B)
isolation
barrier.
This
barrier
provides
galvanic
±280mV Input Range with +5V Supply
isolation of up to 4000VPEAK. Used in conjunction with
isolated power supplies, these devices prevent noise
Internal 2.5V Reference Voltage: 1% Accuracy
currents on a data bus or other circuits from entering
Gain Error:
±1% (AMC1203B)
the local ground and interfering with or damaging
UL1577, IEC60747-5-2 (VDE0884, Rev. 2), and
sensitive circuitry.
IEC61010-1 Approved
The AMC1203 modulator operates from a +5V supply
– Isolation: 4000VPEAK,
with a dynamic range of 95dB. The differential inputs
Working Voltage: 560V
are ideal for direct connection to shunt resistors or
– Transient Immunity: 15kV/μs
other low-level signal sources. With the appropriate
Typical 25-Year Life at Rated Working Voltage
digital filter and modulator rate, the device can be
(see Application Report SLLA197)
used
to
achieve
16-bit
analog-to-digital
(A/D)
Specified Temperature Range:
conversion with no missing codes. An effective
–40°C to +105°C
resolution of 14 bits and an SNR of 85dB (typical)
can be maintained with a sinc3 filter with a decimation
APPLICATIONS
ratio of 256.
Shunt Based Current Sensing in:
The modulator output is translated to a balanced
signal and then transferred by the capacitive isolation
– Motor Control
barrier. Across the isolation barrier, a differential
– Uninterruptible Power Supplies
comparator receives the logic transition information,
– Power Inverters
and then sets or resets a flip-flop and the output
– Industrial Process Control
circuit accordingly.
The AMC1203 is available in SOP-8 gull-wing,
SOP-8, and SOIC-16 packages. The AMC1203 is
characterized
for
operation
over
the
ambient
temperature range of
–40°C to +105°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2008–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AMC1203_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1203B TI1-AMC1203B Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1203B TI1-AMC1203B Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1203BDUB TI-AMC1203BDUB Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203BDUBR TI-AMC1203BDUBR Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203BDW TI-AMC1203BDW Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
More results

Similar Description - AMC1203_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com