Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRUH330125A Datasheet(PDF) 7 Page - International Rectifier

Part # IRUH330125A
Description  Fast Transient Response
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRUH330125A Datasheet(HTML) 7 Page - International Rectifier

  IRUH330125A_15 Datasheet HTML 1Page - International Rectifier IRUH330125A_15 Datasheet HTML 2Page - International Rectifier IRUH330125A_15 Datasheet HTML 3Page - International Rectifier IRUH330125A_15 Datasheet HTML 4Page - International Rectifier IRUH330125A_15 Datasheet HTML 5Page - International Rectifier IRUH330125A_15 Datasheet HTML 6Page - International Rectifier IRUH330125A_15 Datasheet HTML 7Page - International Rectifier IRUH330125A_15 Datasheet HTML 8Page - International Rectifier IRUH330125A_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.irf.com
7
IRUH330125AK
IRUH330125AP
VOut
-0.500%
-0.250%
0.000%
0.250%
0.500%
1
10
100
1000
10000
100000
Total Dose (Rad (Si))
ELDRS
TID
Fig. 5. Change in Output Voltage vs. Total Ionizing Dose Radiation Exposure at Both High and Low Dose Rates
Fig. 6. Typical Power Supply Ripple Rejection at 100mA and 1.6A using recommended layout
and capacitors. Results above 10KHz are influenced by testing setup and layout.
PSRR (Typical)
-5
5
15
25
35
45
55
65
75
85
95
105
0.1
1
10
100
1000
10000
Freq (KHz)
Iout=100mA, 2.5Vout, 4Vin
Recomended Setup without Part
Iout=1.6A, 2.5Vout, 4Vin


Similar Part No. - IRUH330125A_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH330125AK IRF-IRUH330125AK Datasheet
206Kb / 9P
   3.3VIN to 2.5VOUT @3.0A
IRUH330125AK IRF-IRUH330125AK Datasheet
170Kb / 9P
   3.3VIN to 2.5VOUT @3.0A
IRUH330125AKB IRF-IRUH330125AKB Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH330125AKB IRF-IRUH330125AKB Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330125AKC IRF-IRUH330125AKC Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
More results

Similar Description - IRUH330125A_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5140-15 MSK-MSK5140-15_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
International Rectifier
IRUH330133B IRF-IRUH330133B_15 Datasheet
169Kb / 9P
   Fast Transient Response
logo
M.S. Kennedy Corporatio...
MSK5140-33 MSK-MSK5140-33_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
Rohm
BU90054GWZ ROHM-BU90054GWZ Datasheet
1,015Kb / 18P
   Fast transient response
logo
Wall Industries,Inc.
HPSERIES WALL-HPSERIES Datasheet
482Kb / 5P
   Fast Transient Response
logo
M.S. Kennedy Corporatio...
MSK5141 MSK-MSK5141_15 Datasheet
472Kb / 8P
   Fast Transient Response
logo
International Rectifier
IRUH330133A IRF-IRUH330133A_15 Datasheet
168Kb / 9P
   Fast Transient Response
logo
Unisonic Technologies
LXXLD32G-SH2-R UTC-LXXLD32G-SH2-R Datasheet
249Kb / 7P
   Fast Transient Response
logo
International Rectifier
IRUH3301A1B IRF-IRUH3301A1B_15 Datasheet
184Kb / 9P
   Fast Transient Response
IRUH330118B IRF-IRUH330118B_15 Datasheet
168Kb / 9P
   Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com