Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9K32-100E Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK9K32-100E
Description  Dual N-channel 100 V, 33 m logic level MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9K32-100E Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK9K32-100E_15 Datasheet HTML 2Page - NXP Semiconductors BUK9K32-100E_15 Datasheet HTML 3Page - NXP Semiconductors BUK9K32-100E_15 Datasheet HTML 4Page - NXP Semiconductors BUK9K32-100E_15 Datasheet HTML 5Page - NXP Semiconductors BUK9K32-100E_15 Datasheet HTML 6Page - NXP Semiconductors BUK9K32-100E_15 Datasheet HTML 7Page - NXP Semiconductors BUK9K32-100E_15 Datasheet HTML 8Page - NXP Semiconductors BUK9K32-100E_15 Datasheet HTML 9Page - NXP Semiconductors BUK9K32-100E_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NXP Semiconductors
BUK9K32-100E
Dual N-channel 100 V, 33 mΩ logic level MOSFET
BUK9K32-100E
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
10 December 2013
6 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
QGD
gate-drain charge
-
11
-
nC
Ciss
input capacitance
-
2377
3168
pF
Coss
output capacitance
-
153
184
pF
Crss
reverse transfer
capacitance
VGS = 0 V; VDS = 25 V; f = 1 MHz;
Tj = 25 °C; Fig. 15
-
101
139
pF
td(on)
turn-on delay time
-
12.6
-
ns
tr
rise time
-
22
-
ns
td(off)
turn-off delay time
-
39.5
-
ns
tf
fall time
VDS = 80 V; RL = 15 Ω; VGS = 5 V;
RG(ext) = 5 Ω; ID = 5 A; Tj = 25 °C
-
23.1
-
ns
Source-drain diode FET1 and FET2
VSD
source-drain voltage
IS = 5 A; VGS = 0 V; Tj = 25 °C; Fig. 16
-
0.78
1.2
V
trr
reverse recovery time
-
35.6
-
ns
Qr
recovered charge
IS = 10 A; dIS/dt = -100 A/µs; VGS = 0 V;
VDS = 50 V; Tj = 25 °C
-
47.3
-
nC
003aal007
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
VGS (V)
RDSon
RDSon
Fig. 6. Drain-source on-state resistance as a function
of gate-source voltage; typical values
003aal006
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
VDS (V)
ID
ID
(A)
(A)
2.2 V
2.2 V
2.4 V
2.6 V
VGS = 3 V
VGS = 3 V
4.5 V
4.5 V
10 V
10 V
Tj = 25 °C; tp = 300 μs
Fig. 7. Output characteristics; drain current as a
function of drain-source voltage; typical values


Similar Part No. - BUK9K32-100E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9K32-100E NEXPERIA-BUK9K32-100E Datasheet
762Kb / 13P
   Dual N-channel 100 V, 33 m廓 logic level MOSFET
More results

Similar Description - BUK9K32-100E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9K32-100E NEXPERIA-BUK9K32-100E Datasheet
762Kb / 13P
   Dual N-channel 100 V, 33 m廓 logic level MOSFET
logo
NXP Semiconductors
BUK9K134-100E NXP-BUK9K134-100E Datasheet
338Kb / 13P
   Dual N-channel 100 V, 159 m廓 logic level MOSFET
10 December 2013
BUK9K25-40E PHILIPS-BUK9K25-40E_15 Datasheet
322Kb / 13P
   Dual N-channel 40 V, 29 m logic level MOSFET
10 December 2013
BUK9K52-60E PHILIPS-BUK9K52-60E_15 Datasheet
259Kb / 13P
   Dual N-channel 60 V, 55 m logic level MOSFET
24 February 2015
BUK9K6R8-40E PHILIPS-BUK9K6R8-40E_15 Datasheet
347Kb / 13P
   Dual N-channel 40 V, 7.2 m logic level MOSFET
5 December 2013
BUK9K8R7-40E PHILIPS-BUK9K8R7-40E_15 Datasheet
344Kb / 13P
   Dual N-channel 40 V, 9.4 m logic level MOSFET
10 December 2013
BUK9K12-60E PHILIPS-BUK9K12-60E_15 Datasheet
287Kb / 13P
   Dual N-channel 60 V, 11.5 m logic level MOSFET
8 May 2014
BUK9K17-60E PHILIPS-BUK9K17-60E_15 Datasheet
324Kb / 13P
   Dual N-channel 60 V, 17 m logic level MOSFET
19 March 2014
logo
Nexperia B.V. All right...
BUK9K134-100E NEXPERIA-BUK9K134-100E Datasheet
757Kb / 13P
   Dual N-channel 100 V, 159 mΩ logic level MOSFET
10 December 2013
logo
NXP Semiconductors
BUK9Y19-100E PHILIPS-BUK9Y19-100E_15 Datasheet
329Kb / 13P
   N-channel 100 V, 19 m logic level MOSFET in LFPAK56
6 November 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com