Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9K35-60E Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK9K35-60E
Description  Dual N-channel 60 V, 35 m廓 logic level MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9K35-60E Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK9K35-60E_15 Datasheet HTML 2Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 3Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 4Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 5Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 6Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 7Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 8Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 9Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NXP Semiconductors
BUK9K35-60E
Dual N-channel 60 V, 35 mΩ logic level MOSFET
BUK9K35-60E
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
12 November 2014
6 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Dynamic characteristics FET1 and FET2
QG(tot)
total gate charge
-
7.8
-
nC
QGS
gate-source charge
-
1.2
-
nC
QGD
gate-drain charge
ID = 5 A; VDS = 48 V; VGS = 5 V;
Tj = 25 °C; Fig. 14; Fig. 15
-
3
-
nC
Ciss
input capacitance
-
811
1081
pF
Coss
output capacitance
-
98
118
pF
Crss
reverse transfer
capacitance
VGS = 0 V; VDS = 25 V; f = 1 MHz;
Tj = 25 °C; Fig. 16
-
51
70
pF
td(on)
turn-on delay time
-
7.1
-
ns
tr
rise time
-
11.3
-
ns
td(off)
turn-off delay time
-
14.9
-
ns
tf
fall time
VDS = 48 V; RL = 10 Ω; VGS = 5 V;
RG(ext) = 5 Ω; Tj = 25 °C; ID = 5 A
-
10.6
-
ns
Source-drain diode FET1 and FET2
VSD
source-drain voltage
IS = 10 A; VGS = 0 V; Tj = 25 °C; Fig. 17
-
0.78
1.2
V
trr
reverse recovery time
-
17.6
-
ns
Qr
recovered charge
IS = 5 A; dIS/dt = -100 A/µs; VGS = 0 V;
VDS = 30 V; Tj = 25 °C
-
12.1
-
nC
003aaj563
0
10
20
30
40
0
10
20
30
ID(A)
gfs
(S)
Fig. 6. Forward transconductance as a function of
drain current; typical values
003aaj564
0
20
40
60
80
0
2
4
6
8
VGS(V)
ID
(A)
Tj = 25 °C
Tj = 175 °C
Fig. 7. Transfer Characteristic: drain current as a
function of gate-source voltage; typical values


Similar Part No. - BUK9K35-60E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9K35-60E NEXPERIA-BUK9K35-60E Datasheet
738Kb / 13P
   Dual N-channel 60 V, 35 m廓 logic level MOSFET
More results

Similar Description - BUK9K35-60E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9K35-60E NEXPERIA-BUK9K35-60E Datasheet
738Kb / 13P
   Dual N-channel 60 V, 35 m廓 logic level MOSFET
BUK9K17-60E NEXPERIA-BUK9K17-60E Datasheet
750Kb / 13P
   Dual N-channel 60 V, 17 m廓 logic level MOSFET
BUK9K52-60E NEXPERIA-BUK9K52-60E Datasheet
741Kb / 13P
   Dual N-channel 60 V, 55 m廓 logic level MOSFET
BUK9K12-60E NEXPERIA-BUK9K12-60E Datasheet
723Kb / 13P
   Dual N-channel 60 V, 11.5 m廓 logic level MOSFET
BUK9K13-60E NEXPERIA-BUK9K13-60E Datasheet
725Kb / 13P
   Dual N-channel 60 V, 12.5 m廓 logic level MOSFET
BUK9M35-80E NEXPERIA-BUK9M35-80E Datasheet
722Kb / 13P
   N-channel 80 V, 35 m廓 logic level MOSFET in LFPAK33
logo
NXP Semiconductors
BUK9K52-60E PHILIPS-BUK9K52-60E_15 Datasheet
259Kb / 13P
   Dual N-channel 60 V, 55 m logic level MOSFET
24 February 2015
BUK9K12-60E PHILIPS-BUK9K12-60E_15 Datasheet
287Kb / 13P
   Dual N-channel 60 V, 11.5 m logic level MOSFET
8 May 2014
BUK9K17-60E PHILIPS-BUK9K17-60E_15 Datasheet
324Kb / 13P
   Dual N-channel 60 V, 17 m logic level MOSFET
19 March 2014
BUK9Y59-60E NXP-BUK9Y59-60E Datasheet
322Kb / 13P
   N-channel 60 V, 59 m廓 logic level MOSFET in LFPAK56
20 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com