Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9K35-60E Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BUK9K35-60E
Description  Dual N-channel 60 V, 35 m廓 logic level MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9K35-60E Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BUK9K35-60E_15 Datasheet HTML 5Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 6Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 7Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 8Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 9Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 10Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 11Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 12Page - NXP Semiconductors BUK9K35-60E_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NXP Semiconductors
BUK9K35-60E
Dual N-channel 60 V, 35 mΩ logic level MOSFET
BUK9K35-60E
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
12 November 2014
10 / 13
11. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1205
sot1205_po
14-08-21
14-10-28
Unit
mm
max
nom
min
1.05
1.02
0.1
0.0
4.4
4.1
0.25
0.19
0.30
0.24
4.70
4.45
5.30
4.95
0.85
0.60
0.85
0.40
A
Dimensions
Note
1. Plastic or metal protrusions of 0.2 mm maximum per side are not included.
Plastic single ended surface mounted package LFPAK56D; 8 leads
SOT1205
A1
b
0.50
0.35
b1
c
c1 D(1)
0.1
8°
0°
y
θ
D1(1)
4.55
4.35
3.5
3.4
D2
(ref) E
(1) E1(1)
1.8
1.6
E2
e
1.27
H
6.2
5.9
L
1.3
0.8
L1
0.55
0.30
Lp
0.25
w
0
2.5
5 mm
scale
detail X
A1 C
Lp
θ
C
y
E2
D2
E1
D1
mounting
base
c
X
A
c1
A
e
b
(8x)
w
A
D
E
H
L
L1
b1
1
2
3
4
Fig. 18. Package outline LFPAK56D (SOT1205)


Similar Part No. - BUK9K35-60E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9K35-60E NEXPERIA-BUK9K35-60E Datasheet
738Kb / 13P
   Dual N-channel 60 V, 35 m廓 logic level MOSFET
More results

Similar Description - BUK9K35-60E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9K35-60E NEXPERIA-BUK9K35-60E Datasheet
738Kb / 13P
   Dual N-channel 60 V, 35 m廓 logic level MOSFET
BUK9K17-60E NEXPERIA-BUK9K17-60E Datasheet
750Kb / 13P
   Dual N-channel 60 V, 17 m廓 logic level MOSFET
BUK9K52-60E NEXPERIA-BUK9K52-60E Datasheet
741Kb / 13P
   Dual N-channel 60 V, 55 m廓 logic level MOSFET
BUK9K12-60E NEXPERIA-BUK9K12-60E Datasheet
723Kb / 13P
   Dual N-channel 60 V, 11.5 m廓 logic level MOSFET
BUK9K13-60E NEXPERIA-BUK9K13-60E Datasheet
725Kb / 13P
   Dual N-channel 60 V, 12.5 m廓 logic level MOSFET
BUK9M35-80E NEXPERIA-BUK9M35-80E Datasheet
722Kb / 13P
   N-channel 80 V, 35 m廓 logic level MOSFET in LFPAK33
logo
NXP Semiconductors
BUK9K52-60E PHILIPS-BUK9K52-60E_15 Datasheet
259Kb / 13P
   Dual N-channel 60 V, 55 m logic level MOSFET
24 February 2015
BUK9K12-60E PHILIPS-BUK9K12-60E_15 Datasheet
287Kb / 13P
   Dual N-channel 60 V, 11.5 m logic level MOSFET
8 May 2014
BUK9K17-60E PHILIPS-BUK9K17-60E_15 Datasheet
324Kb / 13P
   Dual N-channel 60 V, 17 m logic level MOSFET
19 March 2014
BUK9Y59-60E NXP-BUK9Y59-60E Datasheet
322Kb / 13P
   N-channel 60 V, 59 m廓 logic level MOSFET in LFPAK56
20 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com