Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2320-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA2320-Q1
Description  Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO,CMOS Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2320-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2320-Q1_15 Datasheet HTML 5Page - Texas Instruments OPA2320-Q1_15 Datasheet HTML 6Page - Texas Instruments OPA2320-Q1_15 Datasheet HTML 7Page - Texas Instruments OPA2320-Q1_15 Datasheet HTML 8Page - Texas Instruments OPA2320-Q1_15 Datasheet HTML 9Page - Texas Instruments OPA2320-Q1_15 Datasheet HTML 10Page - Texas Instruments OPA2320-Q1_15 Datasheet HTML 11Page - Texas Instruments OPA2320-Q1_15 Datasheet HTML 12Page - Texas Instruments OPA2320-Q1_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
6
5
4
3
2
1
0
10k
10M
Frequency (Hz)
100k
1M
1.8 V
S
3.3 V
S
5.5 V
S
3
2
1
0
-1
2
3
-
-
0
80
Output Current (mA)
10
20
30
60
50
40
70
–40°C
25°C
125°C
60
40
20
0
-20
10k
100M
Frequency (Hz)
100k
1M
10M
G = 1 V/V
G = 10 V/V
G = 100 V/V
60
40
20
0
-20
10k
100M
Frequency (Hz)
100k
1M
10M
G = 1 V/V
G = 10 V/V
G = 100 V/V
1000
100
10
1
10
1M
Frequency (Hz)
100
1k
10k
100k
6
5
4
3
2
1
0
-1
2
3
4
-
-
-
0
10
Time (1 s/div)
1
2
3
8
9
7
6
5
4
OPA2320-Q1
www.ti.com
SLOS884 – SEPTEMBER 2014
Typical Characteristics (continued)
At TA = 25°C, V(CM) = VO = mid-supply, and R(L) = 10 kΩ, unless otherwise noted.
VS = 1.8 to 5.5 V
Figure 13. Input Voltage Noise Spectral Density vs
Figure 14. 0.1-Hz to 10-Hz Input Voltage Noise
Frequency
VS = 1.8 V
C(L) = 50 pF
R(L) = 10 kΩ
VS = 5.5 V
C(L) = 50 pF
R(L) = 10 kΩ
Figure 15. Closed-Loop Gain vs Frequency
Figure 16. Closed-Loop Gain vs Frequency
C(L) = 50 pF
R(L) = 10 kΩ
VS = ±2.75 V
Figure 17. Maximum Output Voltage vs Frequency
Figure 18. Output Voltage Swing vs Output Current
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA2320-Q1


Similar Part No. - OPA2320-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2320-Q1 TI1-OPA2320-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
More results

Similar Description - OPA2320-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA320-Q1 TI1-OPA320-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2328 TI-OPA2328 Datasheet
1Mb / 23P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
FEBRUARY 2022
OPA2328 TI-OPA2328_V01 Datasheet
1Mb / 27P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
REVISED JUNE 2022
OPA328 TI-OPA328 Datasheet
1Mb / 31P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED NOVEMBER 2022
OPA328 TI-OPA328_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED MAY 2023
OPA325 TI1-OPA325 Datasheet
3Mb / 42P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA2325 TI1-OPA2325_19 Datasheet
2Mb / 38P
[Old version datasheet]   Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
OPA2325_1905 TI1-OPA2325_1905 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com