Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL1807MOD Datasheet(PDF) 9 Page - Texas Instruments

Part # WL1807MOD
Description  WL18x7MOD WiLink??8 Dual-Band Industrial Module ??Wi-Fi짰, Bluetooth짰, and Bluetooth Low Energy (BLE)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

WL1807MOD Datasheet(HTML) 9 Page - Texas Instruments

Back Button WL1807MOD_15 Datasheet HTML 5Page - Texas Instruments WL1807MOD_15 Datasheet HTML 6Page - Texas Instruments WL1807MOD_15 Datasheet HTML 7Page - Texas Instruments WL1807MOD_15 Datasheet HTML 8Page - Texas Instruments WL1807MOD_15 Datasheet HTML 9Page - Texas Instruments WL1807MOD_15 Datasheet HTML 10Page - Texas Instruments WL1807MOD_15 Datasheet HTML 11Page - Texas Instruments WL1807MOD_15 Datasheet HTML 12Page - Texas Instruments WL1807MOD_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
WL1807MOD, WL1837MOD
www.ti.com
SWRS170G – AUGUST 2014 – REVISED AUGUST 2015
Table 4-1. Pin Description (continued)
PIN NAME
PIN
TYPE/
SHUTDOWN
AFTER
VOLTAGE CONNECTIVITY(2)
DESCRIPTION
DIR
STATE(1)
POWER
LEVEL
1807
1837
UP(1)
Bluetooth Functional Block: Int Signals
BT_UART_DBG
43
O
PU
PU
1.8 V
x
v
Option: Bluetooth
logger
BT_HCI_RTS_1V8
50
O
PU
PU
1.8 V
x
v
UART RTS to host. NC
if not used.
BT_HCI_CTS_1V8
51
I
PU
PU
1.8 V
x
v
UART CTS from host.
NC if not used.
BT_HCI_TX_1V8
52
O
PU
PU
1.8 V
x
v
UART TX to host. NC if
not used.
BT_HCI_RX_1V8
53
I
PU
PU
1.8 V
x
v
UART RX from host.
NC if not used.
BT_AUD_IN
56
I
PD
PD
1.8 V
x
v
Bluetooth PCM/I2S
bus. Data in. NC if not
used.
BT_AUD_OUT
57
O
PD
PD
1.8 V
x
v
Bluetooth PCM/I2S
bus. Data out. NC if not
used.
BT_AUD_FSYNC
58
I/O
PD
PD
1.8 V
x
v
Bluetooth PCM/I2S
bus. Frame sync. NC if
not used.
BT_AUD_CLK
60
I/O
PD
PD
1.8 V
x
v
Bluetooth PCM/I2S
bus. NC if not used.
Ground Pins
1, 7, 9, 15,
16, 17, 19,
20, 23, 24,
28, 29, 30,
31, 33, 34,
GND
GND
v
v
35, 37, 39,
44, 45, 48,
49, 54, 55,
59, 61, 63,
G1-G36
(1) PU = pullup; PD = pulldown.
(2) v = connect; x = no connect.
(3) Host must provide PU using a 10-K resistor for all non-CLK SDIO signals.
Copyright © 2014–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
9
Submit Documentation Feedback
Product Folder Links: WL1807MOD WL1837MOD


Similar Part No. - WL1807MOD_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
WL1807MOD TI1-WL1807MOD_16 Datasheet
1Mb / 45P
[Old version datasheet]   WL18x7MOD WiLink 8 Dual-Band Industrial Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
More results

Similar Description - WL1807MOD_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
WL1807MOD TI1-WL1807MOD_16 Datasheet
1Mb / 45P
[Old version datasheet]   WL18x7MOD WiLink 8 Dual-Band Industrial Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
WL1801MOD TI-WL1801MOD_15 Datasheet
1Mb / 42P
[Old version datasheet]   WL18xxMOD WiLink??8 Single-Band Combo Module ?밯i-Fi짰, Bluetooth짰, and Bluetooth Low Energy (BLE)
WL1801 TI-WL1801 Datasheet
1Mb / 11P
[Old version datasheet]   WL18x1 WiLink??8 Single-Band Combo Device Supporting Wi-Fi짰 , Bluetooth짰 , and Bluetooth짰 Low Energy
WL1801MOD TI1-WL1801MOD_16 Datasheet
1Mb / 46P
[Old version datasheet]   WL18xxMOD WiLink 8 Single-Band Combo Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
logo
Microchip Technology
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
   Bluetooth짰 Low Energy (BLE) Module
07/14/15
IS1870 MICROCHIP-IS1870 Datasheet
2Mb / 44P
   Bluetooth짰 Low Energy (BLE) SoC
07/14/15
logo
Laird Tech Smart Techno...
BL600-SA LSTD-BL600-SA Datasheet
2Mb / 50P
   Single Mode Bluetooth Low Energy (BLE) Module
logo
Cypress Semiconductor
CYW20732A0 CYPRESS-CYW20732A0 Datasheet
2Mb / 35P
   Bluetooth Low-Energy (BLE)-compliant
CYW20732Y CYPRESS-CYW20732Y Datasheet
2Mb / 26P
   Bluetooth Low-Energy (BLE)-compliant
logo
NXP Semiconductors
88W9064 NXP-88W9064 Datasheet
218Kb / 2P
   NXP짰 88W9064 4x4 Wi-Fi짰 6 Dual Band with Bluetooth짰 5 SoC
REV 0 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com