Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50PTS Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 50PTS
Description  Improved glass passivation for high reliability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

50PTS Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  50PTS Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 50PTS Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 50PTS Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 50PTS Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 50PTS Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 50PTS Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 50PTS Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
TYPICAL APPLICATIONS
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 7
Medium Power Thyristors
Nell High Power Products
50PTS Series
(Stud Version), 50A
PRODUCT SUMMARY
IT(AV)
50A
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
UNITS
V
V
/V
DRM
RRM
ITSM
IT(AV)
2
I t
tq
50
2
Ka s
A
A
ºC
TEST CONDITIONS
VALUES
IT(RMS)
TC
µs
A
94
78.5
1430
1490
10.22
9.32
600 to 1600
110
50 HZ
60 HZ
50 HZ
60 HZ
Typical
Available
RoHS*
COMPLIANT
TJ
ºC
-40 to 125
Improved glass passivation for high reliability
High current rating
Excellent dynamic characteristics
dV/dt = 1000 V/µs option
Superior surge capabilities
Standard package
Metric threads version available
Types up to 1600V V
/V
DRM
RRM
RoHs compliant
Phase control applications in converters
Lighting circuits
Battery charges
Regulated power supplies temperature and
speed control circuit
Can be supplied to meet stringent military,
aerospace and other high reliability requirements
www.nellsemi.com
TO-208AC(TO-65)


Similar Part No. - 50PTS

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
50PTS NELLSEMI-50PTS Datasheet
714Kb / 7P
   Medium Power Thyristors
50PTS06 NELLSEMI-50PTS06 Datasheet
714Kb / 7P
   Medium Power Thyristors
50PTS08 NELLSEMI-50PTS08 Datasheet
714Kb / 7P
   Medium Power Thyristors
50PTS10 NELLSEMI-50PTS10 Datasheet
714Kb / 7P
   Medium Power Thyristors
50PTS12 NELLSEMI-50PTS12 Datasheet
714Kb / 7P
   Medium Power Thyristors
More results

Similar Description - 50PTS

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NPS20 NAINA-NPS20 Datasheet
157Kb / 2P
   Improved glass passivation for high reliability
NPS40 NAINA-NPS40 Datasheet
153Kb / 2P
   Improved glass passivation for high reliability
NPSS40 NAINA-NPSS40 Datasheet
152Kb / 2P
   Improved glass passivation for high reliability
NPS35 NAINA-NPS35 Datasheet
151Kb / 2P
   Improved glass passivation for high reliability
NPIS20 NAINA-NPIS20 Datasheet
175Kb / 2P
   Improved glass passivation for high reliability
NPSS20 NAINA-NPSS20 Datasheet
170Kb / 2P
   Improved glass passivation for high reliability
NPIS40 NAINA-NPIS40 Datasheet
188Kb / 2P
   Improved glass passivation for high reliability
NPIS25 NAINA-NPIS25 Datasheet
172Kb / 2P
   Improved glass passivation for high reliability
NPIS35 NAINA-NPIS35 Datasheet
179Kb / 2P
   Improved glass passivation for high reliability
NPS25 NAINA-NPS25 Datasheet
156Kb / 2P
   Improved glass passivation for high reliability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com