Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF300BNA12-H1C2A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UF300BNA12-H1C2A
Description  AC AXIAL FANS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UF300BNA12-H1C2A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UF300BNA12-H1C2A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
0
250
500
AIR FLOW (CFM)
750 1000 1250 1500
1.2
1.0
0.8
0.6
0.4
0.2
1
1 = 60 Hz
2 = 50 Hz
2
UF300BNA series
6- ø0.34 ±0.01
(ø8.7 ±0.3)
ø14.97 ±0.01
(ø380.3 ±0.3)
3.16 ±0.02
(80.3 ±0.5)
0.31
(8)
3.87
(98.3)
0.43
(11)
(398 dia. x 98.3 mm)
15.67 dia. x 3.87 inches
Features:
forward curved impeller
Operating voltage: 115 or 230 VAC
Construction:
aluminum die cast motor base,
steel frame and impeller
Bearing option:
ball bearing
Motor:
permanent split capacitor
Air Flow:
axial
Connection:
AWM 2517 lead wires
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Rated
Cur.
A
Locked
Cur.
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
kg
M³/Min. CFM
MM
INCH
UF300BNA12-H1C2A
115
50
150
1.60
3.15
2,650
40.6
1435
31
1.2
75
4.5
115
60
200
2.40
3.10
2,950
45.7
1615
29
1.1
78
4.5
UF300BNA23-H1C2A
230
50
150
0.90
1.60
2,650
40.6
1435
31
1.2
75
4.5
230
60
200
1.20
1.56
2,950
45.7
1615
29
1.1
78
4.5
See page 43 for part system
06.10.15


Similar Part No. - UF300BNA12-H1C2A

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
UF300BNA12-H1C2A MECHATRONICS-UF300BNA12-H1C2A Datasheet
503Kb / 1P
   AC AXIAL FANS
More results

Similar Description - UF300BNA12-H1C2A

ManufacturerPart #DatasheetDescription
logo
ETRI
125XL0282010 ETRI-125XL0282010_15 Datasheet
258Kb / 1P
   AC Axial Fans
125XR5182002 ETRI-125XR5182002_11 Datasheet
166Kb / 1P
   AC Axial Fans
125XL0182001 ETRI-125XL0182001 Datasheet
185Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000_15 Datasheet
1Mb / 1P
   AC Axial Fans
113XN0181000 ETRI-113XN0181000_12 Datasheet
162Kb / 1P
   AC Axial Fans
99XM0182001 ETRI-99XM0182001 Datasheet
189Kb / 1P
   AC Axial Fans
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
   AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
   AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
   AC Axial Fans
logo
ebm-papst
4850Z EBMPAPST-4850Z_17 Datasheet
134Kb / 1P
   AC axial fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com