Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

101C174U7R5BB2B Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 101C174U7R5BB2B
Description  Type 101C ??5 째C to 105 째C Low-ESR, Wide-Temperature Grade
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

101C174U7R5BB2B Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  101C174U7R5BB2B Datasheet HTML 1Page - Cornell Dubilier Electronics 101C174U7R5BB2B Datasheet HTML 2Page - Cornell Dubilier Electronics 101C174U7R5BB2B Datasheet HTML 3Page - Cornell Dubilier Electronics 101C174U7R5BB2B Datasheet HTML 4Page - Cornell Dubilier Electronics 101C174U7R5BB2B Datasheet HTML 5Page - Cornell Dubilier Electronics 101C174U7R5BB2B Datasheet HTML 6Page - Cornell Dubilier Electronics 101C174U7R5BB2B Datasheet HTML 7Page - Cornell Dubilier Electronics 101C174U7R5BB2B Datasheet HTML 8Page - Cornell Dubilier Electronics 101C174U7R5BB2B Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Outline Drawing
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Part Numbering System
Type Capacitance
Tolerance
Voltage Case Code
Insulation
Terminal
Can Style
101C
183
T
250
DG
2
D
S
100 = 10 µF
101 = 100 µF
183 = 18,000 µF
M = ±20%
U = –10%+75%
T = –10%+50%
250 = 250 Vdc
0= None
1= Polyester
2= PVC
A = Low Post
B = High Post
D = High Current
Blank=
Standard
Can
S= Stud
Bottom
P= Stud
with
Thermal
Pad
D
L
P
H +0 -.062
(+0 -1.57)
Optional Stud
S
+
NOTE: With the stud-mount feature, a thermally-conductive
disk can be inserted in the bottom flush with the outer
insulating sleeve. This reduces the thermal resistance
through the can bottom by 0.3 °C/W. Can Style P.
Case
Stud
P± 0.039”
Diam.
Thread
(±1.0 mm)
1.375
M8
0.470” (12.0)
1.750
M8
0.470” (12.0)
2.000
M12
0.630” (16.0)
2.500
M12
0.630” (16.0)
3.000
M12
0.630” (16.0)
Stud Dimensions
Terminal Dimensions
For Case
Post Diameter
H max
min Full Thread
Torque
Terminal Style
Diameters Code
in
mm
in
mm Thread
in
mm
in∙lb
N∙m
Low Post
1
to 3
A
0.314
8.0
0.094
2.4
10–32
0.218
5.5
25
2.82
High Post
1
to 3
B
0.314
8.0
0.281
7.1
10–32
0.375
9.5
25
2.82
High Current, Med
2½ to 3
D
0.434
11.0
0.190
4.8
¼–28
0.312
7.9
50
5.65
Standard insulation is 0.008-in PVC sleeve with
0.01-in polypropylene end disk.
Type 101C –55 °C to 105 °C Low-ESR, Wide-Temperature Grade


Similar Part No. - 101C174U7R5BB2B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
101C174U7R5BB2B ETC2-101C174U7R5BB2B Datasheet
349Kb / 8P
   Low-ESR, Wide-Temperature Grade
logo
Cornell Dubilier Electr...
101C174U7R5BB2B CDE-101C174U7R5BB2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
101C174U7R5BB2B CDE-101C174U7R5BB2B Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
More results

Similar Description - 101C174U7R5BB2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
logo
List of Unclassifed Man...
101C283U7R5AK2B ETC2-101C283U7R5AK2B Datasheet
349Kb / 8P
   Low-ESR, Wide-Temperature Grade
logo
Cornell Dubilier Electr...
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
   Type 057 105 째C Military Grade, Axial Leaded, Aluminum
066182U6R3FE2 CDE-066182U6R3FE2 Datasheet
75Kb / 6P
   Type 066/066R 85 째C & 105 째C, Standard, Axial Leaded, Aluminum
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
logo
Texas Instruments
TMP127-Q1 TI-TMP127-Q1_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TMP127-Q1 Automotive Grade, 0.8 째C SPI Temperature Sensor With 175 째C Operation
MARCH 2022
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com