Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

101C204U7R5EJ2B Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # 101C204U7R5EJ2B
Description  Type 101C ??5 째C to 105 째C Low-ESR, Wide-Temperature Grade
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

101C204U7R5EJ2B Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

Back Button 101C204U7R5EJ2B Datasheet HTML 3Page - Cornell Dubilier Electronics 101C204U7R5EJ2B Datasheet HTML 4Page - Cornell Dubilier Electronics 101C204U7R5EJ2B Datasheet HTML 5Page - Cornell Dubilier Electronics 101C204U7R5EJ2B Datasheet HTML 6Page - Cornell Dubilier Electronics 101C204U7R5EJ2B Datasheet HTML 7Page - Cornell Dubilier Electronics 101C204U7R5EJ2B Datasheet HTML 8Page - Cornell Dubilier Electronics 101C204U7R5EJ2B Datasheet HTML 9Page - Cornell Dubilier Electronics 101C204U7R5EJ2B Datasheet HTML 10Page - Cornell Dubilier Electronics 101C204U7R5EJ2B Datasheet HTML 11Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 101C –55 °C to 105 °C Low-ESR, Wide-Temperature Grade
ESR Max Ripple Max
ESR Max Ripple Max
Cap.
Catalog
@ 25 °C
@ 85 °C Nominal Size
Cap.
Catalog
@ 25 °C
@ 85 °C Nominal Size
(µF)
Part Number
120 Hz
120 Hz
D x L
(µF)
Part Number
120 Hz
120 Hz
D x L
(mΩ)
(A)
(in)
(mΩ)
(A)
(in)
40 Vdc (55 Vdc Surge)
50 Vdc (75 Vdc Surge)
5,400
101C542U040AK2B
47.6
5.4
1 3/8 x 1 5/8
3,800
101C382U050AK2B
48.4
5.4
1 3/8 x 1 5/8
9,000
101C902U040AA2B
32.3
7.6
1 3/8 x 2 1/8
7,000
101C702U050AA2B
30.8
7.8
1 3/8 x 2 1/8
13,000
101C133U040AH2B
23.1
10.3
1 3/8 x 2 5/8
10,000
101C103U050AH2B
22.0
10.5
1 3/8 x 2 5/8
16,000
101C163U040EA2B
26.6
10.7
1 3/4 x 2 1/8
12,000
101C123U050EA2B
26.5
10.7
1 3/4 x 2 1/8
16,000
101C163U040BA2B
21.2
13.0
2 x 2 1/8
12,000
101C123U050BA2B
20.8
13.2
2 x 2 1/8
17,000
101C173U040AB2B
17.3
13.1
1 3/8 x 3 1/8
13,000
101C133U050AB2B
17.5
13.0
1 3/8 x 3 1/8
21,000
101C213U040AJ2B
15.2
14.8
1 3/8 x 3 5/8
16,000
101C163U050AJ2B
14.6
15.2
1 3/8 x 3 5/8
23,000
101C233U040EH2B
19.3
13.5
1 3/4 x 2 5/8
18,000
101C183U050EH2B
19.3
13.6
1 3/4 x 2 5/8
25,000
101C253U040BH2B
14.3
17.1
2 x 2 5/8
19,000
101C193U050BH2B
14.1
17.2
2 x 2 5/8
25,000
101C253U040AC2B
14.0
16.2
1 3/8 x 4 1/8
19,000
101C193U050AC2B
13.4
16.6
1 3/8 x 4 1/8
29,000
101C293U040AD2B
12.4
17.9
1 3/8 x 4 5/8
22,000
101C223U050AD2B
11.9
18.3
1 3/8 x 4 5/8
30,000
101C303U040EB2B
15.4
16.2
1 3/4 x 3 1/8
24,000
101C243U050EB2B
15.3
16.2
1 3/4 x 3 1/8
33,000
101C333U040AE2B
11.3
19.6
1 3/8 x 5 1/8
25,000
101C253U050AE2B
10.8
20.0
1 3/8 x 5 1/8
34,000
101C343U040BB2B
9.8
22.0
2 x 3 1/8
27,000
101C273U050BB2B
9.6
22.2
2 x 3 1/8
37,000
101C373U040EJ2B
12.9
18.6
1 3/4 x 3 5/8
29,000
101C293U050EJ2B
12.8
18.6
1 3/4 x 3 5/8
37,000
101C373U040AF2B
10.4
21.1
1 3/8 x 5 5/8
29,000
101C293U050AF2B
10.0
21.5
1 3/8 x 5 5/8
41,000
101C413U040CH2B
10.7
22.7
2 1/2 x 2 5/8
32,000
101C323U050CH2B
9.6
24.0
2 1/2 x 2 5/8
43,000
101C433U040BJ2B
8.8
24.4
2 x 3 5/8
34,000
101C343U050BJ2B
8.6
24.6
2 x 3 5/8
45,000
101C453U040EC2B
10.5
21.6
1 3/4 x 4 1/8
35,000
101C353U050EC2B
10.5
21.6
1 3/4 x 4 1/8
52,000
101C523U040ED2B
9.5
23.6
1 3/4 x 4 5/8
40,000
101C403U050ED2B
9.5
23.6
1 3/4 x 4 5/8
52,000
101C523U040BC2B
7.1
28.5
2 x 4 1/8
41,000
101C413U050BC2B
7.2
28.2
2 x 4 1/8
56,000
101C563U040CB2B
8.1
27.6
2 1/2 x 3 1/8
44,000
101C443U050CB2B
8.2
27.6
2 1/2 x 3 1/8
59,000
101C593U040EE2B
8.9
25.4
1 3/4 x 5 1/8
46,000
101C463U050EE2B
8.8
25.4
1 3/4 x 5 1/8
61,000
101C613U040BD2B
6.5
31.0
2 x 4 5/8
48,000
101C483U050BD2B
6.3
31.2
2 x 4 5/8
66,000
101C663U040EF2B
8.4
26.9
1 3/4 x 5 5/8
52,000
101C523U050EF2B
8.4
27.0
1 3/4 x 5 5/8
70,000
101C703U040BE2B
5.8
33.8
2 x 5 1/8
55,000
101C553U050CJ2D
6.6
32.2
2 1/2 x 3 5/8
71,000
101C713U040CJ2D
6.6
32.2
2 1/2 x 3 5/8
55,000
101C553U050BE2B
5.7
34.1
2 x 5 1/8
79,000
101C793U040BF2B
5.3
36.5
2 x 5 5/8
62,000
101C623U050BF2B
5.2
36.8
2 x 5 5/8
83,000
101C833U040DB2D
8.6
30.1
3 x 3 1/8
65,000
101C653U050DB2B
8.9
29.5
3 x 3 1/8
86,000
101C863U040CC2D
5.4
37.3
2 1/2 x 4 1/8
67,000
101C673U050CC2D
5.4
37.3
2 1/2 x 4 1/8
100,000
101C104U040CD2D
4.9
40.6
2 1/2 x 4 5/8
79,000
101C793U050CD2D
4.9
40.5
2 1/2 x 4 5/8
110,000
101C114U040DJ2D
7.0
35.1
3 x 3 5/8
83,000
101C833U050DJ2D
7.3
34.4
3 x 3 5/8
120,000
101C124U040CE2D
4.4
44.4
2 1/2 x 5 1/8
90,000
101C903U050CE2D
4.4
44.3
2 1/2 x 5 1/8
130,000
101C134U040DC2D
5.3
41.9
3 x 4 1/8
100,000
101C104U050DC2D
5.5
41.1
3 x 4 1/8
130,000
101C134U040CF2D
4.0
48.0
2 1/2 x 5 5/8
100,000
101C104U050CF2D
4.0
47.9
2 1/2 x 5 5/8
150,000
101C154U040DD2D
5.2
44.0
3 x 4 5/8
120,000
101C124U050DD2D
5.4
43.2
3 x 4 5/8
170,000
101C174U040DE2D
4.6
48.1
3 x 5 1/8
130,000
101C134U050DE2D
4.8
47.2
3 x 5 1/8
190,000
101C194U040DF2D
4.2
51.9
3 x 5 5/8
150,000
101C154U050DF2D
4.4
51.0
3 x 5 5/8
210,000
101C214U040DP2D
4.0
53.8
3 x 5 7/8
160,000
101C164U050DP2D
4.2
52.9
3 x 5 7/8
280,000
101C284U040DN2D
3.4
63.9
3 x 7 5/8
220,000
101C224U050DN2D
3.5
63.0
3 x 7 5/8
330,000
101C334U040DG2D
3.0
69.9
3 x 8 5/8
260,000
101C264U050DG2D
3.1
69.0
3 x 8 5/8


Similar Part No. - 101C204U7R5EJ2B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
101C204U7R5EJ2B ETC2-101C204U7R5EJ2B Datasheet
349Kb / 8P
   Low-ESR, Wide-Temperature Grade
logo
Cornell Dubilier Electr...
101C204U7R5EJ2B CDE-101C204U7R5EJ2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
101C204U7R5EJ2B CDE-101C204U7R5EJ2B Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
More results

Similar Description - 101C204U7R5EJ2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
logo
List of Unclassifed Man...
101C283U7R5AK2B ETC2-101C283U7R5AK2B Datasheet
349Kb / 8P
   Low-ESR, Wide-Temperature Grade
logo
Cornell Dubilier Electr...
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
   Type 057 105 째C Military Grade, Axial Leaded, Aluminum
066182U6R3FE2 CDE-066182U6R3FE2 Datasheet
75Kb / 6P
   Type 066/066R 85 째C & 105 째C, Standard, Axial Leaded, Aluminum
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
logo
Texas Instruments
TMP127-Q1 TI-TMP127-Q1_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TMP127-Q1 Automotive Grade, 0.8 째C SPI Temperature Sensor With 175 째C Operation
MARCH 2022
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com