Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

550114U016AF2B Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 550114U016AF2B
Description  High Ripple, Long Life, Computer Grade
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

550114U016AF2B Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  550114U016AF2B Datasheet HTML 1Page - Cornell Dubilier Electronics 550114U016AF2B Datasheet HTML 2Page - Cornell Dubilier Electronics 550114U016AF2B Datasheet HTML 3Page - Cornell Dubilier Electronics 550114U016AF2B Datasheet HTML 4Page - Cornell Dubilier Electronics 550114U016AF2B Datasheet HTML 5Page - Cornell Dubilier Electronics 550114U016AF2B Datasheet HTML 6Page - Cornell Dubilier Electronics 550114U016AF2B Datasheet HTML 7Page - Cornell Dubilier Electronics 550114U016AF2B Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 550 105 °C High Ripple, Long-life, Inverter Grade, Aluminum
Outline Drawing
Insulated Case Dimensions
For bare can subtract 0.024” (0.61 mm) from D and 0.03” (0.76 mm) from L
Diameter (D)
Length (L)
Terminals (S)
Typical
Weight
Case
±0.031 ±0.78 ±0.062 ±1.57
±0.015
±0.38
Code
(in)
(mm)
(in)
(mm)
(in)
(mm)
(oz)
(g)
AK
1.399
35.53
1.655 42.04
0.500
12.70
1.90
54
AA
1.399
35.53
2.155 54.74
0.500
12.70
2.00
57
AH
1.399
35.53
2.655 67.44
0.500
12.70
2.70
77
AB
1.399
35.53
3.155 80.14
0.500
12.70
3.30
94
AJ
1.399
35.53
3.655 92.84
0.500
12.70
3.80
108
AC
1.399
35.53
4.155 105.54
0.500
12.70
4.40
125
AD
1.399
35.53
4.655 118.24
0.500
12.70
5.10
145
AE
1.399
35.53
5.155 130.94
0.500
12.70
6.80
193
AF
1.399
35.53
5.655 143.64
0.500
12.70
8.10
230
BA
2.024
51.41
2.155 54.74
0.875
22.23
5.40
153
BH
2.024
51.41
2.655 67.44
0.875
22.23
6.10
173
BB
2.024
51.41
3.155 80.14
0.875
22.23
6.80
193
BJ
2.024
51.41
3.655 92.84
0.875
22.23
8.20
232
BC
2.024
51.41
1.155 29.34
0.875
22.23
9.50
269
BD
2.024
51.41
4.655 118.24
0.875
22.23
10.30 292
BE
2.024
51.41
5.155 130.94
0.875
22.23
10.70 303
BF
2.024
51.41
5.655 143.64
0.875
22.23
13.00 369
CB
2.524
64.11
3.155 80.14
1.125
28.58
10.40 295
CJ
2.524
64.11
3.655 92.84
1.125
28.58
12.73 361
CC
2.524
64.11
4.155 105.54
1.125
28.58
15.00 425
CD
2.524
64.11
4.655 118.24
1.125
28.58
17.20 488
CE
2.524
64.11
5.155 130.94
1.125
28.58
19.30 547
CF
2.524
64.11
5.655 143.64
1.125
28.58
21.40 607
DJ
3.024
76.81
3.655 92.84
1.250
31.75
20.00 567
DC
3.024
76.81
4.155 105.54
1.250
31.75
22.20 629
DD
3.024
76.81
4.655 118.24
1.250
31.75
25.50 723
DE
3.024
76.81
5.155 130.94
1.250
31.75
30.00 850
DF
3.024
76.81
5.655 143.64
1.250
31.75
31.90 904
DP
3.024
76.81
5.905 149.99
1.250
31.75
32.85 931
DG
3.024
76.81
8.655 219.84
1.250
31.75
43.30 1227
NOTE:With the stud-mount fea-
ture, a thermally-conductive disk
can be inserted in the bottom
flush with the outer insulating
sleeve.This reduces the thermal
resistance through the can bottom
by 0.3 °C/W. Can Style P.
Case
Stud
P± 0.039”
Diam.
Thread (±1.0 mm)
1.38
M8
0.470” (12.0)
1.75
M8
0.470” (12.0)
2.00
M12
0.630” (16.0)
2.50
M12
0.630” (16.0)
3.00
M12
0.630” (16.0)
Stud Dimensions
Click here
to see
Hardware &
Mounting
Options
Post Diameter H Maximum
min Full Thread
For Case
Diameters
Terminal Style
Code
(in) (mm) (in) (mm) Thread (in)
(mm)
Low Post
A
0.314 8.0 0.094 2.4
10-32 0.218
5.5
1⅜ to 3
High Post
B
0.314 8.0 0.281 7.1
10-32 0.375
9.5
1⅜ to 3
High Current, Low
D
0.684 17.4 0.125 3.2
¼-28 0.344
8.7
2½ & 3
High Current, High
E
0.684 17.4 0.281 7.1
¼-28 0.469
11.9
2½ & 3
Small M5 Post
M
0.314 8.0 0.281 7.1
M5
0.375
9.5
1⅜ & 2
M5 Post
F
0.512 13.0 0.23
5.8
M5
0.344
8.7
2½ & 3
M6 Low Post
G
0.684 17.4 0.125 3.2
M6
0.344
8.7
2½ & 3
M6 High Post
H
0.684 17.4 0.281 7.1
M6
0.469
11.9
2½ & 3


Similar Part No. - 550114U016AF2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
550114U016AF2B CDE-550114U016AF2B Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
More results

Similar Description - 550114U016AF2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
550 CDE-550_17 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
logo
United Chemi-Con, Inc.
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD250E CHEMI-CON-EGPD250E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD800E CHEMI-CON-EGPD800E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
logo
Cornell Dubilier Electr...
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
United Chemi-Con, Inc.
EGPD500E CHEMI-CON-EGPD500E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
logo
RUBYCON CORPORATION
35YXG1000MEFCG412.5X25 RUBYCON-35YXG1000MEFCG412.5X25 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
50YXG220M10X16 RUBYCON-50YXG220M10X16 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com