Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9Y153-100E Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK9Y153-100E
Description  N-channel 100 V, 153 m logic level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9Y153-100E Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK9Y153-100E_15 Datasheet HTML 3Page - NXP Semiconductors BUK9Y153-100E_15 Datasheet HTML 4Page - NXP Semiconductors BUK9Y153-100E_15 Datasheet HTML 5Page - NXP Semiconductors BUK9Y153-100E_15 Datasheet HTML 6Page - NXP Semiconductors BUK9Y153-100E_15 Datasheet HTML 7Page - NXP Semiconductors BUK9Y153-100E_15 Datasheet HTML 8Page - NXP Semiconductors BUK9Y153-100E_15 Datasheet HTML 9Page - NXP Semiconductors BUK9Y153-100E_15 Datasheet HTML 10Page - NXP Semiconductors BUK9Y153-100E_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NXP Semiconductors
BUK9Y153-100E
N-channel 100 V, 153 mΩ logic level MOSFET in LFPAK56
BUK9Y153-100E
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
27 June 2014
7 / 13
003aai767
0
0.5
1
1.5
2
2.5
3
3.5
4
0
3.2
6.4
9.6
12.8
16
VGS (V)
ID
ID
(A)
(A)
Tj = 25°C
Tj = 25°C
175°C
175°C
Fig. 8. Transfer characteristics; drain current as a
function of gate-source voltage; typical values
003aah025
0
0.5
1
1.5
2
2.5
3
-60
0
60
120
180
Tj (°C)
VGS(th)
(V)
max
typ
min
Fig. 9. Gate-source threshold voltage as a function of
junction temperature
003aah026
10-6
10-5
10-4
10-3
10-2
10-1
0
1
2
3
VGS (V)
ID
(A)
max
typ
min
Fig. 10. Sub-threshold drain current as a function of
gate-source voltage
003aai770
0
2
4
6
8
10
0
50
100
150
200
250
ID (A)
RDSon
RDSon
(mΩ)
(mΩ)
2.8 V
2.8 V
3 V
3 V
3.5 V
3.5 V
4.5 V
4.5 V
10 V
10 V
Tj = 25 °C; tp = 300 μs
Fig. 11. Drain-source on-state resistance as a function
of drain current; typical values


Similar Part No. - BUK9Y153-100E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9Y153-100E NXP-BUK9Y153-100E Datasheet
668Kb / 13P
   N-channel 100 V, 153 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK9Y153-100E NEXPERIA-BUK9Y153-100E Datasheet
1Mb / 13P
   N-channel 100 V, 153 mΩ logic level MOSFET in LFPAK56
27 June 2014
More results

Similar Description - BUK9Y153-100E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9Y153-100E NXP-BUK9Y153-100E Datasheet
668Kb / 13P
   N-channel 100 V, 153 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK9Y153-100E NEXPERIA-BUK9Y153-100E Datasheet
1Mb / 13P
   N-channel 100 V, 153 mΩ logic level MOSFET in LFPAK56
27 June 2014
logo
NXP Semiconductors
BUK7Y153-100E NXP-BUK7Y153-100E Datasheet
319Kb / 13P
   N-channel 100 V, 153 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y153-100E PHILIPS-BUK7Y153-100E_15 Datasheet
319Kb / 13P
   N-channel 100 V, 153 m廓 standard level MOSFET in LFPAK56
8 May 2013
logo
Nexperia B.V. All right...
BUK7Y153-100E NEXPERIA-BUK7Y153-100E Datasheet
741Kb / 13P
   N-channel 100 V, 153 mΩ standard level MOSFET in LFPAK56
8 May 2013
logo
NXP Semiconductors
BUK9Y19-100E PHILIPS-BUK9Y19-100E_15 Datasheet
329Kb / 13P
   N-channel 100 V, 19 m logic level MOSFET in LFPAK56
6 November 2013
BUK9Y113-100E NXP-BUK9Y113-100E Datasheet
298Kb / 13P
   N-channel 100 V, 113 m logic level MOSFET in LFPAK56
20 February 2013
BUK9Y12-100E PHILIPS-BUK9Y12-100E_15 Datasheet
302Kb / 13P
   N-channel 100 V, 12 m廓 logic level MOSFET in LFPAK56
9 May 2013
logo
Nexperia B.V. All right...
BUK9Y22-100E NEXPERIA-BUK9Y22-100E Datasheet
764Kb / 13P
   N-channel 100 V, 22 m廓 logic level MOSFET in LFPAK56
BUK9Y19-100E NEXPERIA-BUK9Y19-100E Datasheet
748Kb / 13P
   N-channel 100 V, 19 m廓 logic level MOSFET in LFPAK56
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com