Electronic Components Datasheet Search |
|
101C155U7R5DG2D Datasheet(PDF) 2 Page - Cornell Dubilier Electronics |
|
101C155U7R5DG2D Datasheet(HTML) 2 Page - Cornell Dubilier Electronics |
2 / 12 page Outline Drawing CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 Part Numbering System Type Capacitance Tolerance Voltage Case Code Insulation Terminal Can Style 101C 183 T 250 DG 2 D S 100 = 10 µF 101 = 100 µF 183 = 18,000 µF M = ±20% U = –10%+75% T = –10%+50% 250 = 250 Vdc 0= None 1= Polyester 2= PVC A = Low Post B = High Post D = High Current Blank= Standard Can S= Stud Bottom P= Stud with Thermal Pad D L P H +0 -.062 (+0 -1.57) Optional Stud S + NOTE: With the stud-mount feature, a thermally-conductive disk can be inserted in the bottom flush with the outer insulating sleeve. This reduces the thermal resistance through the can bottom by 0.3 °C/W. Can Style P. Case Stud P± 0.039” Diam. Thread (±1.0 mm) 1.375 M8 0.470” (12.0) 1.750 M8 0.470” (12.0) 2.000 M12 0.630” (16.0) 2.500 M12 0.630” (16.0) 3.000 M12 0.630” (16.0) Stud Dimensions Terminal Dimensions For Case Post Diameter H max min Full Thread Torque Terminal Style Diameters Code in mm in mm Thread in mm in∙lb N∙m Low Post 1 ⅜ to 3 A 0.314 8.0 0.094 2.4 10–32 0.218 5.5 25 2.82 High Post 1 ⅜ to 3 B 0.314 8.0 0.281 7.1 10–32 0.375 9.5 25 2.82 High Current, Med 2½ to 3 D 0.434 11.0 0.190 4.8 ¼–28 0.312 7.9 50 5.65 Standard insulation is 0.008-in PVC sleeve with 0.01-in polypropylene end disk. Type 101C –55 °C to 105 °C Low-ESR, Wide-Temperature Grade |
Similar Part No. - 101C155U7R5DG2D |
|
Similar Description - 101C155U7R5DG2D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |