Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

101C155U7R5DG2D Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 101C155U7R5DG2D
Description  Type 101C ??5 째C to 105 째C Low-ESR, Wide-Temperature Grade
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

101C155U7R5DG2D Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  101C155U7R5DG2D Datasheet HTML 1Page - Cornell Dubilier Electronics 101C155U7R5DG2D Datasheet HTML 2Page - Cornell Dubilier Electronics 101C155U7R5DG2D Datasheet HTML 3Page - Cornell Dubilier Electronics 101C155U7R5DG2D Datasheet HTML 4Page - Cornell Dubilier Electronics 101C155U7R5DG2D Datasheet HTML 5Page - Cornell Dubilier Electronics 101C155U7R5DG2D Datasheet HTML 6Page - Cornell Dubilier Electronics 101C155U7R5DG2D Datasheet HTML 7Page - Cornell Dubilier Electronics 101C155U7R5DG2D Datasheet HTML 8Page - Cornell Dubilier Electronics 101C155U7R5DG2D Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type Capacitance
Tolerance
Voltage Case Code
Insulation
Terminal
Can Style
101C
183
T
250
DG
2
D
S
Uninsulated Case Dimensions
For insulated case, add 0.024”(0.610 mm) to “D”and 0.030”(0.762 mm) to length.
Type 101C –55 °C to 105 °C Low-ESR, Wide-Temperature Grade
Diam. (D)
Length (L)
Terminals (S)
Case ±.031 ±.78 ±.062 ±1.57 ±0.015 ±.38 Typical Weight
Code Inches mm Inches
mm Inches mm
oz
g
AK
1.375 34.93 1.625
41.28
0.50
12.70
1.9
54
AA
1.375 34.93 2.125
53.98
0.50
12.70
2.0
57
AH
1.375 34.93 2.625
66.68
0.50
12.70
2.7
77
AB
1.375 34.93 3.125
79.38
0.50
12.70
3.3
94
AJ
1.375 34.93 3.625
92.08
0.50
12.70
3.8
108
AC
1.375 34.93 4.125 104.78
0.50
12.70
4.4
125
AD
1.375 34.93 4.625 117.48
0.50
12.70
5.1
145
AE
1.375 34.93 5.125 130.18
0.50
12.70
6.8
193
AF
1.375 34.93 5.625 142.88
0.50
12.70
8.1
230
EA
1.750 44.45 2.125
53.98
0.75
19.05
2.7
76
EH
1.750 44.45 2.625
66.68
0.75
19.05
3.8
108
EB
1.750 44.45 3.125
79.38
0.75
19.05
5.1
145
EJ
1.750 44.45 3.625
92.08
0.75
19.05
6.8
193
EC
1.750 44.45 4.125 104.78
0.75
19.05
8.1
230
ED
1.750 44.45 4.625 117.48
0.75
19.05
9.0
255
EE
1.750 44.45 5.125 130.18
0.75
19.05
9.5
269
EF
1.750 44.45 5.625 142.88
0.75
19.05
10.5
298
BA
2.000 50.80 2.125
53.98
0.875 22.23
5.4
153
BH
2.000 50.80 2.625
66.68
0.875 22.23
6.1
173
BB
2.000 50.80 3.125
79.38
0.875 22.23
6.8
193
BJ
2.000 50.80 3.625
92.08
0.875 22.23
8.2
232
BC
2.000 50.80 4.125 104.78 0.875 22.23
9.5
269
BD
2.000 50.80 4.625 117.48 0.875 22.23
10.3
292
BE
2.000 50.80 5.125 130.18 0.875 22.23
10.7
303
BF
2.000 50.80 5.625 142.88 0.875 22.23
13.0
369
CH
2.500 63.50 2.625
66.68
1.125 28.58
9.2
261
CB
2.500 63.50 3.125
79.38
1.125 28.58
10.4
295
CJ
2.500 63.50 3.625
92.08
1.125 28.58
12.7
361
CC
2.500 63.50 4.125 104.78 1.125 28.58
15.0
425
CD
2.500 63.50 4.625 117.48 1.125 28.58
17.2
488
CE
2.500 63.50 5.125 130.18 1.125 28.58
19.3
547
CF
2.500 63.50 5.625 142.88 1.125 28.58
21.4
607
DB
3.000 76.20 3.125
79.38
1.25
31.75
16.7
473
DJ
3.000 76.20 3.625
92.08
1.25
31.75
20.0
567
DC
3.000 76.20 4.125 104.78
1.25
31.75
22.2
629
DD
3.000 76.20 4.625 117.48
1.25
31.75
25.5
723
DE
3.000 76.20 5.125 130.18
1.25
31.75
30.0
850
DF
3.000 76.20 5.625 142.88
1.25
31.75
31.9
904
DP
3.000 76.20 5.875 149.23
1.25
31.75
32.8
931
DN
3.000 76.20 7.625 193.68
1.25
31.75
39.5
1119
DG
3.000 76.20 8.625 219.08
1.25
31.75
43.3
1227


Similar Part No. - 101C155U7R5DG2D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
101C155U7R5DG2D ETC2-101C155U7R5DG2D Datasheet
349Kb / 8P
   Low-ESR, Wide-Temperature Grade
logo
Cornell Dubilier Electr...
101C155U7R5DG2D CDE-101C155U7R5DG2D Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
101C155U7R5DG2D CDE-101C155U7R5DG2D Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
More results

Similar Description - 101C155U7R5DG2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
logo
List of Unclassifed Man...
101C283U7R5AK2B ETC2-101C283U7R5AK2B Datasheet
349Kb / 8P
   Low-ESR, Wide-Temperature Grade
logo
Cornell Dubilier Electr...
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
   Type 057 105 째C Military Grade, Axial Leaded, Aluminum
066182U6R3FE2 CDE-066182U6R3FE2 Datasheet
75Kb / 6P
   Type 066/066R 85 째C & 105 째C, Standard, Axial Leaded, Aluminum
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
logo
Texas Instruments
TMP127-Q1 TI-TMP127-Q1_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TMP127-Q1 Automotive Grade, 0.8 째C SPI Temperature Sensor With 175 째C Operation
MARCH 2022
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com