Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFCHT48C4S572T Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # PFCHT48C4S572T
Description  3-Phase AC Power Harmonic Filter Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

PFCHT48C4S572T Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  PFCHT48C4S572T Datasheet HTML 1Page - Cornell Dubilier Electronics PFCHT48C4S572T Datasheet HTML 2Page - Cornell Dubilier Electronics PFCHT48C4S572T Datasheet HTML 3Page - Cornell Dubilier Electronics PFCHT48C4S572T Datasheet HTML 4Page - Cornell Dubilier Electronics PFCHT48C4S572T Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Performance Notes
R
s: Equivalent series resistance – Ohmic resistances (Ohm)
Dielectric Dissipation Factor: tan δ (Polypropylene: 0.0002)
T
hs : Hot spot temperature within the capacitor: Ths = Ta + (Ptotal · 280 / SA)
T
a: Ambient temperature
R
th: Thermal resistance: °C/ Watt, indicates hot spot temperature rise due to power dissipation losses
P
max: Maximum power dissipation: Pmax = (85 ºC - Ta) / Rth (Watts)
P
Total: Total Power generated by Dielectric and Ohmic Losses: P = Vpeak
2 .
C . TT . F .DF (Watts)
given Voltage
P = I2 . [R
s
+
(X
C
.
DF)] (Watts)
given Current
Where P
Total = PFund + PHarm1 + PHarm2 + .... + PHarm
Design life: 60,000 hours 94% survival T
hs: 85 °C
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
1000
10000
100000
1000000
Expected life time (h)
Expected lifetime vs. applied voltage and ambient temperature
85 ºC
80 ºC
70 ºC
60 ºC
Expected lifetime vs. applied voltage and hot spot temperature
Type PFCH, 3-Phase AC Power Harmonic Filter Capacitors


Similar Part No. - PFCHT48C4S572T

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PFCHT WELWYN-PFCHT Datasheet
168Kb / 2P
   High Temperature TaNFilm짰 Chip Resistors
More results

Similar Description - PFCHT48C4S572T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
PFCSS24C0.5S572T CDE-PFCSS24C0.5S572T Datasheet
139Kb / 4P
   3-Phase AC Power Factor Correction Capacitors
logo
Vishay Siliconix
PHAHVAC3PHASE VISHAY-PHAHVAC3PHASE Datasheet
106Kb / 5P
   High Voltage AC Power Capacitors 3-Phase Units
01-Jan-2022
C-HVAC3PHCAPBANKS VISHAY-C-HVAC3PHCAPBANKS Datasheet
148Kb / 5P
   High Voltage AC Power Capacitors 3-Phase Capacitor Banks
01-Jan-2022
C-HVAC3PHCAPBANKSIP55 VISHAY-C-HVAC3PHCAPBANKSIP55 Datasheet
157Kb / 4P
   High Voltage AC Power Capacitors 3-Phase Capacitor Banks IP55
01-Jan-2022
logo
EPCOS
B44066D1420M400 EPCOS-B44066D1420M400 Datasheet
62Kb / 5P
   Harmonic filter reactor
B44066D1425M440 EPCOS-B44066D1425M440 Datasheet
63Kb / 5P
   Harmonic filter reactor
B44066D1450M440 EPCOS-B44066D1450M440 Datasheet
61Kb / 5P
   Harmonic filter reactor
B44066D7020M400 EPCOS-B44066D7020M400 Datasheet
64Kb / 5P
   Harmonic filter reactor
B44066D7075M400 EPCOS-B44066D7075M400 Datasheet
66Kb / 5P
   Harmonic filter reactor
B44066D7100M441 EPCOS-B44066D7100M441 Datasheet
63Kb / 5P
   Harmonic filter reactor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com