Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

550C133T250FE2D Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 550C133T250FE2D
Description  Ultra-Ripple, Long Life Screw Terminal Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

550C133T250FE2D Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  550C133T250FE2D Datasheet HTML 1Page - Cornell Dubilier Electronics 550C133T250FE2D Datasheet HTML 2Page - Cornell Dubilier Electronics 550C133T250FE2D Datasheet HTML 3Page - Cornell Dubilier Electronics 550C133T250FE2D Datasheet HTML 4Page - Cornell Dubilier Electronics 550C133T250FE2D Datasheet HTML 5Page - Cornell Dubilier Electronics 550C133T250FE2D Datasheet HTML 6Page - Cornell Dubilier Electronics 550C133T250FE2D Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Temperature Range
–40 °C to +105 °C
Rated Voltage Range
200 Vdc to 500 Vdc
Capacitance Range
680 µF to 35,000 µF
Capacitance Tolerance
–10% +50%
Leakage Current
≤3 √CV µA, 4 mA max, 5 minutes
Ripple Current Multipliers
Ambient Temperature
Low Temperature Characteristics
Impedance ratio: Z
–20⁰C ∕ Z+25⁰C
≤ 3 (200–500 Vdc)
Endurance Life Test
5,000 hr. load life at 85 ºC
10,000 hr. load life at 105 ºC
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Operating Life
Load life up to 20000 hours at 105 ºC with 90% VDC
Shelf Life Test
500 h at 105 °C
Capacitance 100% of limit
ESR 100% of limit
DCL 100% of limit
Vibration
10 to 55 Hz, 0.06” and 10 g max, 1.5 h each of two axis
RoHS Compliant
10 kHz
& up
50
Hz
60
Hz
120
Hz
360
Hz
1
kHz
5
kHz
1 3/8” & 2 1/2” Diameters
200 to 350 V
0.77 0.82 1.00 1.21 1.32 1.37 1.38
400 to 500 V
0.73 0.78 1.00 1.33 1.53 1.66 1.68
3” & 3 1/2” Diameters
200 to 350 V
0.80 0.85 1.00 1.17 1.24 1.28 1.29
400 to 500 V
0.73 0.79 1.00 1.31 1.51 1.63 1.65
Type 550C is the standard for motor drive and other high-ripple, long-
life applications. It boasts more than 25% extra ripple capability per
can size, but less capacitance than Type 520C. Expected operating
life is more than 100,000 hours in typical applications. Type 550C is
rated for 20,000 h life with full ripple current, rated voltage, 85 ºC and
100 lfm airflow while mounted horizontally. Horizontal mounting is
more severe than vertical mounting. The extended cathode foil of the
550C assures heat flow from the capacitor element to the can in all
orientations.
Highlights
- Load life up to 20,000 hours at 85 ºC
- High ripple current
- ESRs to 7 mΩ
Specifications
Frequency
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC
95 ºC
105 ºC
1.66
1.52
1.37
1.20
1.00
0.75
0.36
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 550C 105 °C High Ripple, Inverter Grade, Aluminum
Ultra-Ripple, Long Life Screw Terminal Type
Diameter
Rated Voltage and Ripple Current
@105 ºC (hours)
Rated Voltage
@105 ºC (hours)
2½” (66)
15000
18000
3” (77)
15000
18000
3½ (90)
15000
18000
click here to see hardware and mounting options


Similar Part No. - 550C133T250FE2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
550C133T250FE2D CDE-550C133T250FE2D Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
550C133T250FE2D CDE-550C133T250FE2D Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
More results

Similar Description - 550C133T250FE2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
520C CDE-520C_17 Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
520C322T200CH2B CDE-520C322T200CH2B Datasheet
209Kb / 7P
   High Ripple, Long Life Screw Terminal Type
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
500C273U6R3AK2B CDE-500C273U6R3AK2B Datasheet
230Kb / 15P
   Long Life, High Capacitance Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
330 CDE-330_15 Datasheet
470Kb / 6P
   High Ripple and Ultra-Long Life
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com