Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9675-100A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUK9675-100A
Description  N-channel TrenchMOS logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9675-100A Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK9675-100A_15 Datasheet HTML 1Page - NXP Semiconductors BUK9675-100A_15 Datasheet HTML 2Page - NXP Semiconductors BUK9675-100A_15 Datasheet HTML 3Page - NXP Semiconductors BUK9675-100A_15 Datasheet HTML 4Page - NXP Semiconductors BUK9675-100A_15 Datasheet HTML 5Page - NXP Semiconductors BUK9675-100A_15 Datasheet HTML 6Page - NXP Semiconductors BUK9675-100A_15 Datasheet HTML 7Page - NXP Semiconductors BUK9675-100A_15 Datasheet HTML 8Page - NXP Semiconductors BUK9675-100A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NXP Semiconductors
BUK9675-100A
N-channel TrenchMOS logic level FET
BUK9675-100A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
18 August 2015
5 / 12
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
ID = 0.25 mA; VGS = 0 V; Tj = 25 °C
100
-
-
V
V(BR)DSS
drain-source
breakdown voltage
ID = 0.25 mA; VGS = 0 V; Tj = -55 °C
89
-
-
V
ID = 1 mA; VDS = VGS; Tj = 175 °C;
Fig. 10
0.5
-
-
V
ID = 1 mA; VDS = VGS; Tj = 25 °C;
Fig. 10; Fig. 11
1
1.5
2
V
VGS(th)
gate-source threshold
voltage
ID = 1 mA; VDS = VGS; Tj = -55 °C;
Fig. 10
-
-
2.3
V
VDS = 100 V; VGS = 0 V; Tj = 175 °C
-
-
500
µA
IDSS
drain leakage current
VDS = 100 V; VGS = 0 V; Tj = 25 °C
-
0.05
10
µA
VGS = 10 V; VDS = 0 V; Tj = 25 °C
-
2
100
nA
IGSS
gate leakage current
VGS = -10 V; VDS = 0 V; Tj = 25 °C
-
2
100
nA
VGS = 10 V; ID = 10 A; Tj = 25 °C;
Fig. 12
-
55
72
VGS = 5 V; ID = 10 A; Tj = 175 °C;
Fig. 13
-
-
188
VGS = 4.5 V; ID = 10 A; Tj = 25 °C;
Fig. 12
-
61
84
RDSon
drain-source on-state
resistance
VGS = 5 V; ID = 10 A; Tj = 25 °C; Fig. 12
-
60
75
Dynamic characteristics
QG(tot)
total gate charge
-
24.3
-
nC
QGS
gate-source charge
-
3
-
nC
QGD
gate-drain charge
ID = 10 A; VDS = 80 V; VGS = 5 V;
Fig. 14; Fig. 15
-
12.2
-
nC
Ciss
input capacitance
-
1278
1704
pF
Coss
output capacitance
-
129
155
pF
Crss
reverse transfer
capacitance
VGS = 0 V; VDS = 25 V; f = 1 MHz;
Tj = 25 °C; Fig. 16
-
88
120
pF
td(on)
turn-on delay time
-
13
20
ns
tr
rise time
-
120
168
ns
td(off)
turn-off delay time
-
58
87
ns
tf
fall time
VDS = 30 V; RL = 1.2 Ω; VGS = 5 V;
RG(ext) = 10 Ω; Tj = 25 °C
-
57
86
ns
LD
internal drain
inductance
from drain lead 6 mm from package to
centre of die; Tj = 25 °C
-
4.5
-
nH


Similar Part No. - BUK9675-100A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9675-100A PHILIPS-BUK9675-100A Datasheet
82Kb / 9P
   TrenchMOS transistor Logic level FET
October 2000 - Rev 1.200
logo
Inchange Semiconductor ...
BUK9675-100A ISC-BUK9675-100A Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9675-100A NEXPERIA-BUK9675-100A Datasheet
715Kb / 12P
   N-channel TrenchMOS logic level FET
18 August 2015
More results

Similar Description - BUK9675-100A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com