Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9880-55A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK9880-55A
Description  N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9880-55A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK9880-55A_15 Datasheet HTML 3Page - NXP Semiconductors BUK9880-55A_15 Datasheet HTML 4Page - NXP Semiconductors BUK9880-55A_15 Datasheet HTML 5Page - NXP Semiconductors BUK9880-55A_15 Datasheet HTML 6Page - NXP Semiconductors BUK9880-55A_15 Datasheet HTML 7Page - NXP Semiconductors BUK9880-55A_15 Datasheet HTML 8Page - NXP Semiconductors BUK9880-55A_15 Datasheet HTML 9Page - NXP Semiconductors BUK9880-55A_15 Datasheet HTML 10Page - NXP Semiconductors BUK9880-55A_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NXP Semiconductors
BUK9880-55A
N-channel TrenchMOS logic level FET
BUK9880-55A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
19 March 2014
7 / 13
03aa36
10-6
10-5
10-4
10-3
10-2
10-1
0
1
2
3
VGS (V)
ID
(A)
max
typ
min
Tj = 25 °C; VDS = 5 V
Fig. 8. Sub-threshold drain current as a function of
gate-source voltage
03nc48
0
2
4
6
8
10
12
0
5
10
15
20
ID (A)
gfs
(S)
Fig. 9. Forward transconductance as a function of
drain current; typical values
03nc49
0
5
10
15
0
1
2
3
4
VGS (V)
ID
(A)
Tj = 150 °C
Tj = 25 °C
Fig. 10. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
03nc47
0
1
2
3
4
5
0
5
10
15
QG (nC)
VGS
(V)
VDS = 44 V
VDS = 14 V
Fig. 11. Gate-source voltage as a function of turn-on
gate charge; typical values


Similar Part No. - BUK9880-55A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9880-55A PHILIPS-BUK9880-55A Datasheet
321Kb / 13P
   TrenchMOS logic level FET
Rev. 01-07 February 2001
BUK9880-55A NXP-BUK9880-55A Datasheet
96Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 02-12 April 2007
logo
Nexperia B.V. All right...
BUK9880-55A NEXPERIA-BUK9880-55A Datasheet
740Kb / 13P
   N-channel TrenchMOS logic level FET
19 March 2014
More results

Similar Description - BUK9880-55A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com