Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM15851 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM15851
Description  LM15851 Ultra-Wideband RF Sampling Subsystem
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM15851 Datasheet(HTML) 5 Page - Texas Instruments

  LM15851_15 Datasheet HTML 1Page - Texas Instruments LM15851_15 Datasheet HTML 2Page - Texas Instruments LM15851_15 Datasheet HTML 3Page - Texas Instruments LM15851_15 Datasheet HTML 4Page - Texas Instruments LM15851_15 Datasheet HTML 5Page - Texas Instruments LM15851_15 Datasheet HTML 6Page - Texas Instruments LM15851_15 Datasheet HTML 7Page - Texas Instruments LM15851_15 Datasheet HTML 8Page - Texas Instruments LM15851_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
VA19
GND
GND
50
50
VA19
GND
VA19
VD12
GND
+
±
50
50
VA19
LM15851
www.ti.com
SLAS990D – JANUARY 2014 – REVISED JULY 2015
Pin Functions (continued)
PIN
EQUIVALENT CIRCUIT
TYPE
DESCRIPTION
NAME
NO.
DATA
DS0
32
DS0+
33
DS1–
35
DS1+
36
Data
DS2–
38
CML These pins are the high-speed serialized-data outputs with user-configurable
O
pre-emphasis. These outputs must always be terminated with a 100-
Ω differential
DS2+
39
resistor at the receiver.
DS3–
41
DS3+
42
DS4–
44
DS4+
45
GROUND, RESERVED, DNC
Do Not Connect
DNC
67
Do not connect DNC to any circuitry, power, or ground signals.
Reserved
Connect to Ground or Leave Unconnected: This reserved pin is a logic input for
RSV
66
possible future device versions. It is recommended to connect this pin to ground.
Floating this pin is also permissible.
Reserved
RSV2
61
Connect to Ground Connect this reserved input pin to ground for proper operation.
Ground (GND)
The exposed pad on the bottom of the package is the ground return for all supplies.
This pad must be connected with multiple vias to the printed circuit board (PCB)
Thermal Pad
ground planes to ensure proper electrical and thermal performance.
The exposed center pad on the bottom of the package must be thermally and
electrically connected (soldered) to a ground plane to ensure rated performance.
LVCMOS
47,
NCO_0
48
50,
NCO_1
51
NCO ConfigSelect
These three pin pairs allow the host device to select the specific NCO frequency or
I
phase accumulator that is active. Each pair must be connected together and driven
with a common 1.8-V LVCMOS signal. Connect these inputs to GND if they are not
used in the application.
53,
NCO_2
54
OR_T0
25
Over-Range
O
Over-range detection status for T0 and T1 thresholds. Leave these pins
OR_T1
26
unconnected if they are not used in the application.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM15851


Similar Part No. - LM15851_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM15851NKE TI1-LM15851NKE Datasheet
1Mb / 87P
[Old version datasheet]   Ultra-Wideband RF Sampling Subsystem
LM15851NKE10 TI1-LM15851NKE10 Datasheet
1Mb / 87P
[Old version datasheet]   Ultra-Wideband RF Sampling Subsystem
LM15851NKER TI1-LM15851NKER Datasheet
1Mb / 87P
[Old version datasheet]   Ultra-Wideband RF Sampling Subsystem
LM15851NKET TI1-LM15851NKET Datasheet
1Mb / 87P
[Old version datasheet]   Ultra-Wideband RF Sampling Subsystem
More results

Similar Description - LM15851_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM15851 TI1-LM15851 Datasheet
1Mb / 87P
[Old version datasheet]   Ultra-Wideband RF Sampling Subsystem
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145_08 Datasheet
1Mb / 17P
   UHF Wideband Receiver Subsystem
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
logo
Linear Technology
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
   14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145 Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Motorola, Inc
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Wolfson Microelectronic...
WM9090 WOLFSON-WM9090 Datasheet
1Mb / 81P
   Ultra Low Power Audio Subsystem
WM9093 WOLFSON-WM9093 Datasheet
1Mb / 84P
   Ultra Low Power Audio Subsystem
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com