Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDC1011 Datasheet(PDF) 4 Page - Texas Instruments

Part # TDC1011
Description  TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDC1011 Datasheet(HTML) 4 Page - Texas Instruments

  TDC1011_15 Datasheet HTML 1Page - Texas Instruments TDC1011_15 Datasheet HTML 2Page - Texas Instruments TDC1011_15 Datasheet HTML 3Page - Texas Instruments TDC1011_15 Datasheet HTML 4Page - Texas Instruments TDC1011_15 Datasheet HTML 5Page - Texas Instruments TDC1011_15 Datasheet HTML 6Page - Texas Instruments TDC1011_15 Datasheet HTML 7Page - Texas Instruments TDC1011_15 Datasheet HTML 8Page - Texas Instruments TDC1011_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
TDC1011
SNAS662 – JULY 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VDD
Analog supply voltage, VDD pins
–0.3
6.0
V
VIO
I/O supply voltage (VIO must always be lower than or equal to VDD supply)
–0.3
6.0
V
VI
Voltage on any analog input pin(3)
–0.3
VDD + 0.3
V
VI
Voltage on any digital input pin(3)
–0.3
VIO + 0.3
V
II
Input current at any pin
5
mA
TJ
Operating junction temperature
–40
125
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
When the input voltage at a pin exceeds the power supplies, the current at that pin must not exceed 5 mA and the voltage (VI) at that
pin must not exceed 6.0 V.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC A100-002(1)
±2000
All pins
±500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC
Corner pins (1, 14, 15
Q100-011
±750
and 28)
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Analog supply voltage, VDD pins
2.7
5.5
V
VIO
Digital supply voltage, (VIO must always be lower than or equal to VDD supply)
1.8
VDD
V
VI
Voltage on any analog input pin
GND
VDD
V
VI
Voltage on any digital input pin
GND
VIO
V
ƒCLKIN
Operating frequency
0.06
16
MHz
TJ
Operating junction temperature
–40
125
°C
6.4 Thermal Information
(1)
TDC1011
THERMAL METRIC
TSSOP
UNIT
PW (28 PINS)
RθJA
Junction-to-ambient thermal resistance
83.5
RθJC(top) Junction-to-case (top) thermal resistance
29.9
RθJB
Junction-to-board thermal resistance
40.8
°C/W
ψJT
Junction-to-top characterization parameter
2.4
ψJB
Junction-to-board characterization parameter
40.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TDC1011


Similar Part No. - TDC1011_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011QPWQ1 TI-TDC1011QPWQ1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011QPWRQ1 TI-TDC1011QPWRQ1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
More results

Similar Description - TDC1011_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
   Level sensing
logo
Texas Instruments
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
[Old version datasheet]   Configurable AFE for Low-Power Chemical Sensing Applications
LMP91200 TI1-LMP91200_16 Datasheet
986Kb / 24P
[Old version datasheet]   Configurable AFE for Low-Power Chemical-Sensing Applications
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
ams AG
AS7000 AMSCO-AS7000 Datasheet
1Mb / 92P
   The AS7000 device provides a flexible analog front end for light sensing applications
logo
Texas Instruments
MSP430FR6047 TI1-MSP430FR6047_18 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com