Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDC1011-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TDC1011-Q1
Description  TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDC1011-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TDC1011-Q1_15 Datasheet HTML 1Page - Texas Instruments TDC1011-Q1_15 Datasheet HTML 2Page - Texas Instruments TDC1011-Q1_15 Datasheet HTML 3Page - Texas Instruments TDC1011-Q1_15 Datasheet HTML 4Page - Texas Instruments TDC1011-Q1_15 Datasheet HTML 5Page - Texas Instruments TDC1011-Q1_15 Datasheet HTML 6Page - Texas Instruments TDC1011-Q1_15 Datasheet HTML 7Page - Texas Instruments TDC1011-Q1_15 Datasheet HTML 8Page - Texas Instruments TDC1011-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TDC1011-Q1
SNAS670 – JULY 2015
TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level
Sensing, Concentration Sensing Applications
1 Features
3 Description
The TDC1011 is a fully integrated analog front-end
1
Automotive AEC-Q100 (TDC1011-Q1)
(AFE) for ultrasonic sensing measurements of liquid
Measurement Range: Up to 8 ms
level, fluid identification/concentration, and proximity/
Operating Current: 1.8 µA (2 SPS)
distance
applications
common
in
automotive,
industrial, medical, and consumer markets. When
Transmitter Channel TX
paired with an MSP430/C2000 MCU, power, wireless,
Supports Single Transducer Applications
and source code, TI provides the complete ultrasonic
Programmable Excitation: 31.25 kHz to 4 MHz,
sensing solution.
Up to 31 Pulses
TI's
Ultrasonic
AFE
offers
programmability
and
Receiver Channel RX
flexibility
to
accommodate
a
wide-range
of
STOP Cycle-to-Cycle Jitter: 50 psRMS
applications and end equipment. The TDC1011 can
be configured for multiple transmit pulses and
Low-Noise and Programmable Gain Amplifiers
frequencies, gain, and signal thresholds for use with
Access to Signal Chain for External Filter
a wide-range of transducer frequencies (31.25kHz to
Design
4MHz) and Q-factors. Similarly, the programmability
Programmable Threshold Comparator for Echo
of the receive path allows ultrasonic waves to be
detected over a wider range of distances/tank sizes
Qualification
and through various mediums.
Programmable Low Power Mode for Long TOF
Measurements
Selecting different modes of operation, the TDC1011
can be optimized for low power consumption, making
Temperature Measurement
it ideal for battery powered applications. The low
Interface to Two PT1000/500 RTDs
noise amplifiers and comparators provide extremely
RTD-to-RTD Matching Accuracy 0.02°CRMS
low
jitter,
enabling
picosecond
resolution
and
accuracy.
Operating Temperature Range: -40°C to 125°C
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Measurements Through Tanks of Varying
TDC1011-Q1
TSSOP (PW-28)
9.70 mm × 4.40 mm
Materials:
(1) For all available packages, see the orderable addendum at
Fluid Level
the end of the data sheet.
Fluid Identification / Concentration
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TDC1011-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
More results

Similar Description - TDC1011-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
   Level sensing
logo
Texas Instruments
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
[Old version datasheet]   Configurable AFE for Low-Power Chemical Sensing Applications
LMP91200 TI1-LMP91200_16 Datasheet
986Kb / 24P
[Old version datasheet]   Configurable AFE for Low-Power Chemical-Sensing Applications
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
ams AG
AS7000 AMSCO-AS7000 Datasheet
1Mb / 92P
   The AS7000 device provides a flexible analog front end for light sensing applications
logo
Texas Instruments
MSP430FR6047 TI1-MSP430FR6047_18 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com