Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDC1011QPWQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TDC1011QPWQ1
Description  TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDC1011QPWQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TDC1011QPWQ1 Datasheet HTML 4Page - Texas Instruments TDC1011QPWQ1 Datasheet HTML 5Page - Texas Instruments TDC1011QPWQ1 Datasheet HTML 6Page - Texas Instruments TDC1011QPWQ1 Datasheet HTML 7Page - Texas Instruments TDC1011QPWQ1 Datasheet HTML 8Page - Texas Instruments TDC1011QPWQ1 Datasheet HTML 9Page - Texas Instruments TDC1011QPWQ1 Datasheet HTML 10Page - Texas Instruments TDC1011QPWQ1 Datasheet HTML 11Page - Texas Instruments TDC1011QPWQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Time (1s/DIV)
C005
Time (1s/DIV)
C006
5k
50k
500k
2M
0
1
2
3
4
5
6
7
8
9
10
Frequency (Hz)
C013
5k
50k
500k
2M
0
1
2
3
4
5
6
7
8
9
10
Frequency (Hz)
C014
100
1k
10k
100k
1M
10M
±100
0
100
200
300
400
500
Frequency (Hz)
C001
100
1k
10k
100k
1M
10M
±100
0
100
200
300
400
500
Frequency (Hz)
C002
TDC1011-Q1
SNAS670 – JULY 2015
www.ti.com
6.8 Typical Characteristics
At TA = 25°C, unless otherwise noted.
VDD = VIO = 3.7V
Capacitive
RL = 1kΩ
VDD = VIO = 3.7V
Gain of 21dB
RL = 1kΩ
Feedback Mode
Figure 2. LNA ZOUT vs Frequency
Figure 3. PGA ZOUT vs Frequency
VDD = VIO = 3.1V
Capacitive
RL = ∞
VDD = VIO = 3.7V
Gain of 21dB
RL = ∞
Feedback Mode
Figure 4. LNA Input-referred Noise vs Frequency
Figure 5. PGA Input-referred Noise vs Frequency
VDD = VIO = 3.7V
Resistive Feedback
RL = 1kΩ
VDD = VIO = 3.7V
Gain of 21dB
RL = 100kΩ
Mode
VIN = 100mV
fIN = 100kHz
VIN = 100mV
fIN = 100kHz
Figure 6. LNA Response
Figure 7. PGA Response
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TDC1011-Q1


Similar Part No. - TDC1011QPWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDC1011 TI-TDC1011 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011PW TI-TDC1011PW Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011PWR TI-TDC1011PWR Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
More results

Similar Description - TDC1011QPWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
   Level sensing
logo
Texas Instruments
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
[Old version datasheet]   Configurable AFE for Low-Power Chemical Sensing Applications
LMP91200 TI1-LMP91200_16 Datasheet
986Kb / 24P
[Old version datasheet]   Configurable AFE for Low-Power Chemical-Sensing Applications
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
ams AG
AS7000 AMSCO-AS7000 Datasheet
1Mb / 92P
   The AS7000 device provides a flexible analog front end for light sensing applications
logo
Texas Instruments
MSP430FR6047 TI1-MSP430FR6047_18 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com