Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16PT Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 16PT
Description  Stansard SCRs, 16A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

16PT Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  16PT Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 16PT Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 16PT Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 16PT Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 16PT Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 16PT Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
16PT Series
Fig.6 Surge peak on-state current versus
number of cycles.
Fig.5 Relative variation of gate trigger
current, holding current and latching
current and latching current versus
junction temperature.
Number of cycles
Repetitive
T
= 110 °C
case
Non repetitive
T initial = 25°C
j
T (°C)
J
lGT
2.5
2.0
1.5
1.0
0.5
0.0
l
,
l ,l [T ] / l
,l ,l [T =25°C]
GT H L
j
GT H L
j
100
120
80
60
0
-20
140
-40
20
40
I & I
H
L
I
(A)
TSM
0
20
40
60
80
100
120
140
160
180
200
1
10
t =20ms
p
One cycle
100
1000
Fig.7 Non-repetitive surge peak on-state
current for a sinusoidal pulse with
width tp < 10 ms, and corresponding
2
values of l t
Fig.8 On-state characteristics (maximum
values)
100
1000
2000
T max.:
j
V = 0.77V
to
R = 23mΩ
d
T max
j
Tj = 25°C
V
(V)
TM
t (ms)
p
T initial = 25°C
j
lTSM
dl/dt
limitattion
2
l t
10
0.01
0.10
1.00
10.00
200
100
10
1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Page 4 of 6
www.nellsemi.com
Fig.3 Average and D.C. on-state current
versus ambient temperature.
2
(copper surface under tab: S=1cm )
2
(D PAK)
Fig.4 Relative variation of thermal impedance
versus pulse duration.
D.C.
Z (j-c)
th
Z (j-a)
th
α=180°
T
(°C)
amb
0.0
0.5
1.0
1.5
2.0
2.5
4.0
3.5
3.0
l
(A)
T(AV)
0
25
50
75
100
125
K=[Z /R ]
th
th
1.00
0.10
0.01
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
t (s)
P


Similar Part No. - 16PT

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
16PT NELLSEMI-16PT Datasheet
784Kb / 6P
   Stansard SCRs
16PT06A NELLSEMI-16PT06A Datasheet
661Kb / 6P
   Stansard SCRs, 16A
16PT06AI NELLSEMI-16PT06AI Datasheet
661Kb / 6P
   Stansard SCRs, 16A
16PT06F NELLSEMI-16PT06F Datasheet
661Kb / 6P
   Stansard SCRs, 16A
16PT06G NELLSEMI-16PT06G Datasheet
661Kb / 6P
   Stansard SCRs, 16A
More results

Similar Description - 16PT

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
16PT06AI NELLSEMI-16PT06AI Datasheet
661Kb / 6P
   Stansard SCRs, 16A
16PT NELLSEMI-16PT_14 Datasheet
662Kb / 6P
   Stansard SCRs, 16A
25PT NELLSEMI-25PT_18 Datasheet
856Kb / 6P
   Stansard SCRs
40PT NELLSEMI-40PT Datasheet
659Kb / 5P
   Stansard SCRs
55PT NELLSEMI-55PT Datasheet
650Kb / 5P
   Stansard SCRs
70PT NELLSEMI-70PT Datasheet
254Kb / 4P
   Stansard SCRs
16PT NELLSEMI-16PT_18 Datasheet
784Kb / 6P
   Stansard SCRs
30PT NELLSEMI-30PT_18 Datasheet
245Kb / 6P
   Stansard SCRs
40PT NELLSEMI-40PT_18 Datasheet
751Kb / 5P
   Stansard SCRs
75PT NELLSEMI-75PT Datasheet
708Kb / 5P
   Stansard SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com