Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX910 Datasheet(PDF) 8 Page - CML Microcircuits

Part # CMX910
Description  Flexible Signal Channels
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX910 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button CMX910 Datasheet HTML 4Page - CML Microcircuits CMX910 Datasheet HTML 5Page - CML Microcircuits CMX910 Datasheet HTML 6Page - CML Microcircuits CMX910 Datasheet HTML 7Page - CML Microcircuits CMX910 Datasheet HTML 8Page - CML Microcircuits CMX910 Datasheet HTML 9Page - CML Microcircuits CMX910 Datasheet HTML 10Page - CML Microcircuits CMX910 Datasheet HTML 11Page - CML Microcircuits CMX910 Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
AIS Baseband Processor
CMX910
© 2009 CML Microsystems Plc
8
D/910/6
5.
General Description
5.1
Overview of CMX910 Operation
The CMX910 IC has two main receiver circuits that support simultaneous reception of two AIS channels,
or one AIS and one DSC channel. When the two main receive channels are configured for AIS reception,
a supplementary DSC-only receiver can be supported by using a separate external FSK demodulator
(such as the FX604) interfaced to the CMX910. Data bits received on this FSK interface get packed into
bytes and passed through to the host µC. Transmission on a single channel (AIS or DSC) is supported,
during which all reception ceases. The main receive and transmit channels use differential I + Q
signalling, and digital filtering and signal processing techniques are used to obtain a high level of
performance.
The CMX910 also supports the proposed carrier-sensing channel access scheme (CSTDMA) for the AIS
class B standard.
Overall timing synchronisation centres around two counters, one counting the number of samples per slot,
the other the number of slots in a minute. These allow the µC to retrieve slot and sample timing
information for any received message as well as specifying transmit timing accurately. Counters can be
synchronised to an external 1 pulse per second UTC reference signal or allowed to run free, in which
case they must be kept in alignment by the µC.
The CMX910 offers full frame-formatting (HDLC-type) support for AIS receive and transmit, including
NRZI coding, bit stuffing and de-stuffing, training sequence, start/stop flag insertion and deletion, and
CRC generation and checking. A raw mode is also provided allowing greater flexibility. DSC transmission
and reception is only supported in the equivalent of the AIS raw mode.
The transmit channel and three receive channels interface to the µC through individual 32-deep, byte
wide first-in first-out data buffers. These alleviate latency problems and allow higher data rates between
the µC and the CMX910. To allow system performance to be further enhanced, the CMX910 can be
configured to cause an interrupt if the transmit FIFO fill level drops below a user-defined threshold or any
of the receive FIFOs’ fill levels exceed a user-defined threshold.
The CMX910 also assists with power saving and control of critical external RF circuits by providing a
flexible device enable port. Further monitoring and control functions can be implemented using the
integrated auxiliary ADC and DAC circuits.
Communication between the CMX910 and the host µC is done through CML’s standard C-BUS interface
and interrupt pin. The C-BUS interface is SPI compatible, and can be driven by an SPI master controller.
A C-BUS expansion port is also provided which allows the connection of up to six further C-BUS or SPI
compatible devices to the µC.
NOTE:
To further enhance the CMX910, its Special Command Interface (see section 5.12) can be used
to reconfigure the CMX910’s functionality to fully implement and improve its CS-TDMA reception
capability and slot-clock synchronisation.


Similar Part No. - CMX910

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX909B CMLMICRO-CMX909B Datasheet
1Mb / 51P
   Full and Short Data Packet Framing
CMX90A702 CMLMICRO-CMX90A702 Datasheet
1Mb / 19P
   CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)
2022
CMX90A702QH-R701 CMLMICRO-CMX90A702QH-R701 Datasheet
1Mb / 19P
   CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)
2022
CMX90A702QH-R705 CMLMICRO-CMX90A702QH-R705 Datasheet
1Mb / 19P
   CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)
2022
CMX90G301 CMLMICRO-CMX90G301 Datasheet
1Mb / 16P
   CMX90G301 1.4 – 7.1GHz Positive Gain-Slope Amplifier 1dB
September 2022
More results

Similar Description - CMX910

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424662 PHOENIX-1424662 Datasheet
90Kb / 4P
   Flexible signal and data cabling
logo
Diodes Incorporated
AL8116 DIODES-AL8116 Datasheet
732Kb / 13P
   FLEXIBLE 0 TO 10V DIMMING SIGNAL INTERFACE CONTROLLER
Rev. 2 - 2 April 2020
logo
GREEGOO Electric Co.,Lt...
GCM-5A10N32 GREEGOO-GCM-5A10N32 Datasheet
576Kb / 3P
   GCM-5A10N32 ( 3 channels NO & 2 channels NC )
logo
ON Semiconductor
NCP6915 ONSEMI-NCP6915 Datasheet
325Kb / 24P
   6 Channels PMIC
August, 2014 ??Rev. 3
logo
Purdy Electronics Corpo...
OPTO-232C PURDY-OPTO-232C Datasheet
579Kb / 1P
   4 Channels Modems
logo
List of Unclassifed Man...
32R ETC2-32R Datasheet
247Kb / 7P
   Two output channels
logo
LinkCom Manufacturing C...
45W-MB4N LINKCOM-45W-MB4N Datasheet
347Kb / 2P
   45W Multiple Channels
logo
Keysight Technologies
M8048A KEYSIGHT-M8048A Datasheet
1Mb / 7P
   M8048A ISI Channels
logo
Schneider Electric
NY320N2RB1 SCHNEIDER-NY320N2RB1 Datasheet
84Kb / 2P
   Intrinsically processing module 2 input channels and 2 recopying channels
NY340N4RB1 SCHNEIDER-NY340N4RB1 Datasheet
96Kb / 1P
   Intrinsically processing module 4 input channels and 4 recopying channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com