Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX983 Datasheet(PDF) 7 Page - CML Microcircuits

Part # CMX983
Description  Programmable Channel Filter
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX983 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button CMX983 Datasheet HTML 3Page - CML Microcircuits CMX983 Datasheet HTML 4Page - CML Microcircuits CMX983 Datasheet HTML 5Page - CML Microcircuits CMX983 Datasheet HTML 6Page - CML Microcircuits CMX983 Datasheet HTML 7Page - CML Microcircuits CMX983 Datasheet HTML 8Page - CML Microcircuits CMX983 Datasheet HTML 9Page - CML Microcircuits CMX983 Datasheet HTML 10Page - CML Microcircuits CMX983 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 93 page
background image
Analogue Front End (AFE) for Digital Radio
CMX983
 2015 CML Microsystems Plc
7
D/983/6
2
Block Diagram
Aux DAC
PLL1
Aux ADC &
Comparators
Bias
TX
Serial
Ports
RX
Σ-Δ
ADC
Σ-Δ
ADC
Serial
Port
Rx
I
Q
Σ-Δ
DAC
Σ-Δ
DAC
I
Q
Mux
RXQ
SCLK
CSN
RDATA
CDATA
IRQN
AUXDAC7
AUXDAC6
AUXDAC5
AUXDAC4
AUXADC4
AUXADC3
AUXADC2
AUXADC1
AUXADC0
Charge
pump
Phase
detect
Frac-N
divider
Ref
clock 1
CP1
RF1P
CP1VDD (<5.0V)
QTXN
QTXP
ITXN
ITXP
TXCLK
TXFS
TXD
RXCLK
RXFS
RXD
Upsample/
interpolate
Upsample/
hold
Upsample/
interpolate
Upsample/
hold
IRXP
IRXN
QRXP
QRXN
CALI
CALQ
sinc
N/
decimate
128 tap FIR/
decimate
sinc
N/
decimate
128 tap FIR/
decimate
Ramp
RAM
VBIAS
DVSS
DVDD (1.8V)
IOVSS
AVDD (3.3V)
AVSS*
Serial
Port
Tx
x4
x2
x2
RF1N
* AVSS is connected
directly to the metal pad
on the underside of the
package
VBBUF
AUXDAC3
AUXDAC2
AUXDAC1
AUXDAC0
9x Aux
DAC
IOVDD (3.3V)
x2
AUXDAC8
x2
RESETN
MCLK
-
-
-
-
-
+
+
+
+
+
Voltage
reference
C-BUS Configuration
and Control
Aux
ADC
AUXADC5
-
+
Master
CLK div
CLK
RXI
FLCK1
RF1VDD (1.8V)
PLL2
Charge
pump
Phase
detect
Frac-N
divider
Ref
clock 2
CP2
CP2VDD (<5.0V)
FLCK2
RF2VDD (1.8V)
RF2P
RF2N
Figure 1 Block Diagram


Similar Part No. - CMX983

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX980A CMLMICRO-CMX980A Datasheet
117Kb / 1P
   The Product Data Amendment series of documents
CMX981 CMLMICRO-CMX981 Datasheet
115Kb / 1P
   The Product Data Amendment series of documents
CMX989 CMLMICRO-CMX989 Datasheet
445Kb / 31P
   CDPD MAC and Data Pump Processor
CMX989E1 CMLMICRO-CMX989E1 Datasheet
445Kb / 31P
   CDPD MAC and Data Pump Processor
More results

Similar Description - CMX983

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7301 ETC1-TH7301 Datasheet
279Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
STMicroelectronics
STLC5046 STMICROELECTRONICS-STLC5046 Datasheet
207Kb / 27P
   PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
logo
Melexis Microelectronic...
TH7301 MELEXIS-TH7301 Datasheet
280Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
Frequency Devices, Inc.
90PF FREQUENCYDEVICES-90PF Datasheet
2Mb / 18P
   Dual Channel Programmable Filter/Amplifier Card
logo
STMicroelectronics
STLC5048 STMICROELECTRONICS-STLC5048 Datasheet
371Kb / 45P
   FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
   Programmable FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
   Programmable FIR Filter
logo
Zarlink Semiconductor I...
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
   Programmable FIR FIlter
logo
Mitel Networks Corporat...
VP16256 MITEL-VP16256 Datasheet
228Kb / 20P
   Programmable FIR Filter
logo
ATMEL Corporation
AT76C002 ATMEL-AT76C002 Datasheet
38Kb / 4P
   Programmable FIR Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com