Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX993 Datasheet(PDF) 11 Page - CML Microcircuits

Part # CMX993
Description  Programmable 30dB Output Gain Range
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX993 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button CMX993 Datasheet HTML 7Page - CML Microcircuits CMX993 Datasheet HTML 8Page - CML Microcircuits CMX993 Datasheet HTML 9Page - CML Microcircuits CMX993 Datasheet HTML 10Page - CML Microcircuits CMX993 Datasheet HTML 11Page - CML Microcircuits CMX993 Datasheet HTML 12Page - CML Microcircuits CMX993 Datasheet HTML 13Page - CML Microcircuits CMX993 Datasheet HTML 14Page - CML Microcircuits CMX993 Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Quadrature Modulator
CMX993/CMX993W
 2013 CML Microsystems Plc
11
D/993/10
5
General Description
The CMX993 and CMX993W are RF quadrature modulators with additional features such as gain control
and uncommitted differential amplifiers. Detailed block diagrams for the ICs are shown in section 2. The
ICs can support a wide range of modulation formats and standards including TDMA operation.
The following sections describe the functionality of the ICs.
5.1
Quadrature Modulator
The quadrature modulator provides translation from baseband I and Q signals to a modulated RF signal.
The wideband inputs can be driven differentially or single-ended. In the case of single ended operation a
reference voltage equal to the nominal dc level of the modulation must be supplied. The input and filter
amplifiers allow single-ended signals to be translated to an appropriate dc level, one solution for an input
signal with 0V dc bias is shown in Figure 4/4a.
5.1.1
DC Offsets and Carrier Leakage
The modulator inputs (MODIN/MODIP and MODQN/MODQP) are differential and require a common dc
level or common mode voltage. Differences in the bias voltages on the pins will result in an increased level
of carrier present at the output. Care should be taken to minimise offsets, thereby minimising carrier
leakage.
Some systems implement carrier nulling before transmission. This results in a compensation of the small
internal offsets in the modulator and any offsets generated in external circuits. Digital to analogue
converters designed for I/Q systems, e.g. CMX981, often include registers which allow a programmable
offset to be applied to the I/Q signals, making this nulling process straightforward.
5.1.2
Wideband Noise and Gain Control
The wideband noise of this modulator is optimised to ensure a low noise floor at the output, compliant with
common product standards. This stage also provides gain control, which allows the output level to be
adjusted while maintaining the maximum possible signal-to-noise ratio.
To ensure optimum performance the I/Q input signals need to be free from noise. The input bandwidth of
the modulators is quite broad, so any noise on the I/Q signals will get translated to the RF output. Such
noise can generally be removed by simple RC filters, as shown in Figure 4/4a. Careful attention needs to
be paid to the bandwidth of these filters as, if unduly narrow, they can affect the modulation, degrading
image rejection and modulation accuracy.
5.2
Differential Amplifiers
5.2.1
Input Amplifiers
Two differential amplifiers are provided which may be used for signal conditioning, for example conversion
of differential input signals to single ended format, or to provide dc level translation. The amplifiers are
uncommitted, with the differential inputs and the output all available on pins. The stages are low power and
are enabled using the ‘General Control Register’ (see section 6.2). It is not possible to independently
control each amplifier, both are enabled with a common control bit.


Similar Part No. - CMX993

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX990 CMLMICRO-CMX990 Datasheet
114Kb / 1P
   The Product Data Amendment series of documents
CMX991 CMLMICRO-CMX991 Datasheet
2Mb / 56P
   Two-mode demodulator
CMX994 CMLMICRO-CMX994 Datasheet
2Mb / 61P
   Local Oscillator
CMX998 CMLMICRO-CMX998 Datasheet
117Kb / 2P
   The Product Data Amendment series of documents
More results

Similar Description - CMX993

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA020-060-30-27 TRANSCOM-TA020-060-30-27 Datasheet
63Kb / 2P
   2 ~ 6GHz 30dB Gain 27dBm Power Amplifier
logo
National Semiconductor ...
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
   Dual, High Output, Programmable Gain Buffer
LMH6718 NSC-LMH6718 Datasheet
846Kb / 16P
   Dual, High Output, Programmable Gain Buffer
CLC5612 NSC-CLC5612 Datasheet
304Kb / 18P
   Dual, High Output, Programmable Gain Buffer
CLC5633 NSC-CLC5633 Datasheet
188Kb / 17P
   Triple, High Output, Programmable Gain Buffer
logo
RF Micro Devices
RF3321 RFMD-RF3321 Datasheet
195Kb / 16P
   REVERSE PATH HIGH OUTPUT POWER PROGRAMMABLE GAIN AMPLIFIER
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
   Programmable Gain AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com